Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3079 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce CA3079
Description  Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3079 Fiches technique(HTML) 2 Page - Intersil Corporation

  CA3079 Datasheet HTML 1Page - Intersil Corporation CA3079 Datasheet HTML 2Page - Intersil Corporation CA3079 Datasheet HTML 3Page - Intersil Corporation CA3079 Datasheet HTML 4Page - Intersil Corporation CA3079 Datasheet HTML 5Page - Intersil Corporation CA3079 Datasheet HTML 6Page - Intersil Corporation CA3079 Datasheet HTML 7Page - Intersil Corporation CA3079 Datasheet HTML 8Page - Intersil Corporation CA3079 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4
CA3059, CA3079
Functional Block Diagram
FIGURE 1. SCHEMATIC DIAGRAM OF CA3059 AND CA3079
AC INPUT VOLTAGE (50/60 OR 400Hz)
V AC
INPUT SERIES RESISTOR (RS)
k
DISSIPATION RATING FOR RS
W
24
2
0.5
120
10
2
208/230
20
4
277
25
5
NOTE: Circuitry within shaded areas, not included in CA3079
See chart
IC = Internal connection - DO NOT USE (Terminal restriction applies only to CA3079)
EXTERNAL
INHIBIT
* NTC SENSOR
IC
RP
RX
RS
100
µF
15V
+
-
9
10
11
6
RL
CURRENT
BOOST
MT2
MT1
IC
IC
INHIBIT
G
* NEGATIVE TEMPERATURE COEFFICIENT
“0”
CROSSING
DET.
TRIAC
GATING
CIRCUIT
4
3
ON/OFF
SENSING
AMPL.
7
8
13
14
PROTECTION
CIRCUIT
1
2
12
LIMITER
5
AC INPUT
VOLTAGE
POWER
SUPPLY
All resistance values are in
NOTE: Circuitry within shaded areas
not included in CA3079
IC = Internal connection - DO NOT USE (Terminal restriction applies only to
FAIL-SAFE INPUT
TO
COMMON
INHIBIT
INPUT
FOR
EXTERNAL
TRIGGER
COMMON
RSENSOR
RP
R4
10K
R3
12K
R7
10K
R2
27K
13
CF
100
µF
15V
COMMON
2
12
1
7
14
10
9
11
8
R5
9.6K
Q3
Q2
Q4 Q5
TO
COMMON
R6
15K
R9
25
R8
15
3
4
Q8
Q9
Q7
Q6
Q10
D9
D8
D12
D15
D10
D11
R10
40K
D7
D13
D2
D1
R1
5K
5
RS
AC
LINE
INPUT
6
TO
THYRISTOR
GATE
FOR
INCREASED
GATE DRIVE
IC
IC
IC
IC
Q1
D3
D6
D5
D4
FOR DC MODE
OR 400Hz
OPERATION


Numéro de pièce similaire - CA3079

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CA3070 ETC1-CA3070 Datasheet
680Kb / 15P
   Television Chroma System
CA3071 ETC1-CA3071 Datasheet
680Kb / 15P
   Television Chroma System
CA3072 ETC1-CA3072 Datasheet
680Kb / 15P
   Television Chroma System
logo
Intersil Corporation
CA3075 INTERSIL-CA3075 Datasheet
112Kb / 4P
   FM IF Amplifier-Limiter, Detector, and Audio Preamplifier
CA3078 INTERSIL-CA3078 Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
More results

Description similaire - CA3079

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
   50Hz and 60Hz Detection IC for TV
logo
MPS Industries, Inc.
P8E2R4VA MPSIND-P8E2R4VA Datasheet
174Kb / 1P
   2.4VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com