Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA1524E Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce CA1524E
Description  Regulating Pulse Width Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1524E Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button CA1524E Datasheet HTML 7Page - Intersil Corporation CA1524E Datasheet HTML 8Page - Intersil Corporation CA1524E Datasheet HTML 9Page - Intersil Corporation CA1524E Datasheet HTML 10Page - Intersil Corporation CA1524E Datasheet HTML 11Page - Intersil Corporation CA1524E Datasheet HTML 12Page - Intersil Corporation CA1524E Datasheet HTML 13Page - Intersil Corporation CA1524E Datasheet HTML 14Page - Intersil Corporation CA1524E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
CA1524, CA2524, CA3524
Applications (Note 1)
A capacitor-diode output filter is used in Figure 19 to convert
+15VDC to -5VDC at output currents up to 50mA. Since the
output transistors have built-in current limiting, no additional
current limiting is needed. Table 1 gives the required
minimum input voltage and feedback resistor values, R2, for
an output voltage.
Capacitor-Diode Output Circuit
A capacitor-diode output filter is used in Figure18 to convert
+15VDC to -5VDC at output currents up to 50mA. Since the
output transistors have built-in current limiting, no additional
current limiting is needed. Table 1 gives the required
minimum input voltage and feedback resistor values, R2, for
an output voltage range of -0.5V to -20V with an output
current of 40mA.
Single-Ended Switching Regulator
The CA1524 in the circuit of Figure 19 has both output
stages connected in parallel to produce an effective 0% -
90% duty cycle. Transistor Q1 is pulsed on and off by these
output stages. Regulation is achieved from the feedback
provided by R1 and R2 to the error amplifier which adjusts
the on-time of the output transistors according to the load
current being drawn. Various output voltages can be
obtained by adjusting R1 and R2. The use of an output
inductor requires an R-C phase compensation network to
stabilize the system. Current limiting is set at 1.9 amperes by
the sense resistor R3.
NOTE:
1. For additional information on the application of this device and a
further explanation of the circuits below, see Intersil Application
Note AN6915 “Application of the CA1524 series PWM lC”.
FIGURE 18. CAPACITOR-DIODE OUTPUT CIRCUIT
FIGURE 19. SINGLE-ENDED LC SWITCHING REGULATOR CIRCUIT
1
CA3524
1
1
2
1
16
1
6
1
7
1
3
1
10
1
12
1
11
1
13
1
14
1
4
1
5
1
9
1
8
1
6
+15V
V+
5K
2K
0.1
µF
5K
R1
5K
0.01
µF
0.01
µF
R2
15K
IN4001
IN4001
20
µF
IN4001
50
µF
-5V
20mA
R1 = 5K
R2 =
R1 ( | VO | + 2.5)
(VREF - 2.5)
1
CA3524
1
1
2
1
16
1
6
1
7
1
3
1
10
1
12
1
11
1
13
1
14
1
4
1
5
1
9
1
8
1
15
+28V
V+
5K
3K
0.1
µF
5K
0.02
µF
0.001
µF
R2
5K
RURD410
V-
50K
0.1
500
µF
0.9mH
Q1
2N6388
2K
+5V IA
R1
5K


Numéro de pièce similaire - CA1524E

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CA15226 CREE-CA15226 Datasheet
1Mb / 27P
   Strada series
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
   Forward throw beam optimized for European tunnels
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
CA1523 INTERSIL-CA1523 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
logo
Ledil, Inc.
CA15230 LEDIL-CA15230 Datasheet
4Mb / 5P
   ~35째 medium beam
More results

Description similaire - CA1524E

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com