Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7492 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7492
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7492 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7492_15 Datasheet HTML 2Page - Analog Devices AD7492_15 Datasheet HTML 3Page - Analog Devices AD7492_15 Datasheet HTML 4Page - Analog Devices AD7492_15 Datasheet HTML 5Page - Analog Devices AD7492_15 Datasheet HTML 6Page - Analog Devices AD7492_15 Datasheet HTML 7Page - Analog Devices AD7492_15 Datasheet HTML 8Page - Analog Devices AD7492_15 Datasheet HTML 9Page - Analog Devices AD7492_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7492
Rev. A | Page 6 of 24
TIMING SPECIFICATIONS
VDD = 2.7 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.1
Table 3.
Limit at TMIN, TMAX
Parameter
AD7492/AD7492-4
AD7492-52
Unit
Description
tCONVERT
880
680
ns max
tWAKEUP
203
203
μs max
Partial Sleep Wake-Up Time
500
500
μs max
Full Sleep Wake-Up Time
t1
10
10
ns min
CONVST Pulse Width
t2
10
10
ns max
CONVST to BUSY Delay, VDD = 5 V
40
N/A
ns max
CONVST to BUSY Delay, VDD = 3 V
t3
0
0
ns max
BUSY to CS Setup Time
t44
0
0
ns max
CS to RD Setup Time
t5
20
20
ns min
RD Pulse Width
t64
15
15
ns min
Data Access Time after Falling Edge of RD
t75
8
8
ns max
Bus Relinquish Time after Rising Edge of RD
t8
0
0
ns max
CS to RD Hold Time
t9
120
120
ns min
Acquisition Time
t10
100
100
ns min
Quiet Time
1 Sample tested @ 25°C to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V (see Figure 2).
2 The AD7492-5 is specified with VDD = 4.75 V to 5.25 V.
3 This is the time needed for the part to settle within 0.5 LSB of its stable value. Conversion can be initiated earlier than 20 μs, but there is no guarantee that the part
samples within 0.5 LSB of the true analog input value. Therefore, the user should not start conversion until after the specified time.
4 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.0 V
5 t7 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t7, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
1.6V
200µA
IOL
TO OUTPUT
PIN
CL
50pF
200µA
IOH
Figure 2. Load Circuit for Digital Output Timing Specifications


Numéro de pièce similaire - AD7492_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

Description similaire - AD7492_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7492ARZ AD-AD7492ARZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_01 Datasheet
194Kb / 16P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com