Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7523 Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce AD7523
Description  8-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7523 Fiches technique(HTML) 7 Page - Intersil Corporation

  AD7523 Datasheet HTML 1Page - Intersil Corporation AD7523 Datasheet HTML 2Page - Intersil Corporation AD7523 Datasheet HTML 3Page - Intersil Corporation AD7523 Datasheet HTML 4Page - Intersil Corporation AD7523 Datasheet HTML 5Page - Intersil Corporation AD7523 Datasheet HTML 6Page - Intersil Corporation AD7523 Datasheet HTML 7Page - Intersil Corporation AD7523 Datasheet HTML 8Page - Intersil Corporation AD7523 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
10-14
Offset Adjustment
1. Adjust VREF to approximately +10V.
2. Connect all digital inputs to “Logic 1”.
3. Adjust IOUT2 amplifier offset adjust trimpot for 0V ±1mV at
IOUT2 amplifier output.
4. Connect MSB (Bit 1) to “Logic 1” and all other bits to “Logic 0”.
5. Adjust IOUT1 amplifier offset adjust trimpot for 0V ±1mV at
VOUT.
Gain Adjustment
1. Connect all digital inputs to V+.
2. Monitor VOUT for a -VREF (1 - 2
-9) volts reading.
3. To increase VOUT, connect a series resistor of up to 250Ω
between VOUT and RFEEDBACK.
4. To decrease VOUT, connect a series resistor of up to 250Ω
between the reference voltage and the VREF terminal.
FIGURE 5. PROGRAMMABLE FUNCTION GENERATOR
VOUT = -VIN/D
Where:
FIGURE 6. DIVIDER (DIGITALLY CONTROLLED GAIN)
FIGURE 7. MODIFIED SCALE FACTOR AND OFFSET
6
-
+
OUT1
15
16
1
4
13
3
2
AD7523/
MSB
LSB
14
NC
DIGITAL FREQUENCY
CONTROL WORD
AD7533
+15V
VDD
A1
C1
CALIBRATE
10K
6.8V
(2)
6
-
+
A2
10K 1%
10K 1%
4.7K
TRIANGULAR
WAVE
SQUARE
WAVE
1K
OUT2
6
-
+
OUT2
14
24
11
3
1
AD7523/
MSB
LSB
16
+15V
VIN
DIGITAL
INPUT
AD7533
15
BIT 8 (10) (AD7533)
BIT 1
“D”
VREF
VOUT
OUT1
RFB
D
Bit 1
2
1
-------------
Bit 2
2
2
-------------
Bit 8
2
2
-------------
++
=
0D
255
256
----------
≤≤


6
-
+
15
16
1
4
13
3
2
AD7523/
MSB
LSB
14
R1
AD7533
+15V
6
-
+
BIT 1
BIT 8
DIGITAL
INPUT
“D”
R2
VREF
VOUT
(10) (AD7533)
V
OUT
V
REF
R
2
R
1
R
2
+
----------------------



R
1
D
R
1
R
2
+
----------------------



=
Where D
Bit 1
2
1
------------
Bit 2
2
2
------------
Bit 8
2
8
------------
++
=
0D
255
256
----------
≤≤


AD7523, AD7533


Numéro de pièce similaire - AD7523

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
4Mb / 122P
   P-CHANNEL JFET
AD7523AD INTERSIL-AD7523AD Datasheet
6Mb / 180P
   Data Acquisition
AD7523BD INTERSIL-AD7523BD Datasheet
6Mb / 180P
   Data Acquisition
AD7523CD INTERSIL-AD7523CD Datasheet
6Mb / 180P
   Data Acquisition
AD7523JN INTERSIL-AD7523JN Datasheet
6Mb / 180P
   Data Acquisition
More results

Description similaire - AD7523

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com