Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7485 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7485
Description  1 MSPS, Serial 14-Bit SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7485 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7485_15 Datasheet HTML 6Page - Analog Devices AD7485_15 Datasheet HTML 7Page - Analog Devices AD7485_15 Datasheet HTML 8Page - Analog Devices AD7485_15 Datasheet HTML 9Page - Analog Devices AD7485_15 Datasheet HTML 10Page - Analog Devices AD7485_15 Datasheet HTML 11Page - Analog Devices AD7485_15 Datasheet HTML 12Page - Analog Devices AD7485_15 Datasheet HTML 13Page - Analog Devices AD7485_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
REV.
AD7485
–9–
CIRCUIT DESCRIPTION
CONVERTER OPERATION
The AD7485 is a 14-bit algorithmic successive-approximation
analog-to-digital converter based around a capacitive DAC. It pro-
vides the user with track-and-hold, reference, an A/D converter,
and versatile interface logic functions on a single chip. The analog
input signal range that the AD7485 can convert is 0 V to 2.5 V.
The part requires a 2.5 V reference that can be provided from
the part’s own internal reference or an external reference source.
Figure 3 shows a very simplified schematic of the ADC. The
Control Logic, SAR, and Capacitive DAC are used to add and
subtract fixed amounts of charge from the sampling capacitor to
bring the comparator back to a balanced condition.
CAPACITIVE
DAC
SWITCHES
VIN
VREF
SAR
CONTROL
LOGIC
CONTROL
INPUTS
OUTPUT DATA
14-BIT SERIAL
COMPARATOR
Figure 3. Simplified Block Diagram
Conversion is initiated on the AD7485 by pulsing the
CONVST
input. On the falling edge of
CONVST, the track/hold goes from
track to hold mode and the conversion sequence is started.
Conversion time for the part is 24 MCLK periods. Figure 4 shows
the ADC during conversion. When conversion starts, SW2 will
open and SW1 will move to position B causing the comparator to
become unbalanced. The ADC then runs through its successive
approximation routine and brings the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion result is available in the SAR register.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
SW1
SW2
AGND
VIN
A
B
Figure 4. ADC Conversion Phase
At the end of conversion, track-and-hold returns to tracking
mode and the acquisition time begins. The track/hold acquisition
time is 70 ns. Figure 5 shows the ADC during its acquisition
phase. SW2 is closed and SW1 is in position A. The comparator
is held in a balanced condition and the sampling capacitor acquires
the signal on VIN.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
SW1
SW2
AGND
VIN
A
B
Figure 5. ADC Acquisition Phase
ADC TRANSFER FUNCTION
The output coding of the AD7485 is straight binary. The designed
code transitions occur midway between successive integer LSB
values (i.e., 1/2 LSB, 3/2 LSB, and so on). The LSB size is
VREF/16384. The nominal transfer characteristic for the
AD7485 is shown in Figure 6.
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
0.5LSB
+VREF –1.5LSB
1LSB = V REF/16384
Figure 6. Transfer Characteristic
POWER SAVING
The AD7485 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. In addition to
this, the AD7485 features two power saving modes, NAP mode
and STANDBY mode. These modes are selected by bringing
either the NAP or STBY pin to a logic high.
When operating the AD7485 with a 25 MHz MCLK in normal,
fully powered mode, the current consumption is 16 mA during
conversion and the quiescent current is 12 mA. Operating at a
throughput rate of 500 kSPS, the conversion time of 960 ns
contributes 38.4 mW to the overall power dissipation.
960
2
5
16
38 4
ns
s
V
mA
mW
/.
()××
() =
For the remaining 1.04
µs of the cycle, the AD7485 dissipates
31.2 mW of power.
104
2
5
12
312
./
.
ss
V
mA
mW
()××
() =
Thus the power dissipated during each cycle is:
38 4
31 2
69 6
..
.
mW
mW
mW
+=
A


Numéro de pièce similaire - AD7485_15

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
AD7485BST AMICC-AD7485BST Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485BSTZ AD-AD7485BSTZ Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
More results

Description similaire - AD7485_15

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
   1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
EVAL-AD7484 AD-EVAL-AD7484_15 Datasheet
1Mb / 20P
   Evaluation Board for 3 MSPS, 14-Bit SAR ADC
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com