Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7485 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7485
Description  1 MSPS, Serial 14-Bit SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7485 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7485_15 Datasheet HTML 4Page - Analog Devices AD7485_15 Datasheet HTML 5Page - Analog Devices AD7485_15 Datasheet HTML 6Page - Analog Devices AD7485_15 Datasheet HTML 7Page - Analog Devices AD7485_15 Datasheet HTML 8Page - Analog Devices AD7485_15 Datasheet HTML 9Page - Analog Devices AD7485_15 Datasheet HTML 10Page - Analog Devices AD7485_15 Datasheet HTML 11Page - Analog Devices AD7485_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV.
Typical Performance Characteristics–AD7485
–7–
ADC CODE
1.0
0.6
0
0.2
–0.2
–0.6
–1.0
4096
8192
12288
16384
0.8
0.4
0
–0.4
–0.8
TPC 1. Typical DNL
ADC CODE
1.0
0.6
0
0.2
–0.2
–0.6
–1.0
4096
8192
12288
16384
0.8
0.4
0
–0.4
–0.8
TPC 2. Typical INL
INPUT FREQUENCY – kHz
10
75
65
100
1000
10000
80
70
TPC 3. SINAD vs. Input Tone (AD8021 Input Circuit)
INPUT FREQUENCY – kHz
100
–60
–100
1000
10000
–40
–80
–90
–70
–50
100
51
10
0
TPC 4. THD vs. Input Tone for Different Input Resistances
FREQUENCY – kHz
10
–20
–60
100
1000
0
–40
–50
–30
–10
–80
–70
100mV p-p SINE WAVE ON SUPPLY PINS
TPC 5. PSRR without Decoupling
TEMPERATURE – C
–55
–0.0004
35
125
0.0004
–0.0008
–0.0012
0
–0.0020
–0.0016
–25
5
65
95
TPC 6. Reference Error
A


Numéro de pièce similaire - AD7485_15

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
AD7485BST AMICC-AD7485BST Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485BSTZ AD-AD7485BSTZ Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
More results

Description similaire - AD7485_15

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
   1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
EVAL-AD7484 AD-EVAL-AD7484_15 Datasheet
1Mb / 20P
   Evaluation Board for 3 MSPS, 14-Bit SAR ADC
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com