Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7415ARTZ-0500RL7 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD7415ARTZ-0500RL7
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7415ARTZ-0500RL7 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD7415ARTZ-0500RL7 Datasheet HTML 5Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 6Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 7Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 8Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 9Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 10Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 11Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 12Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7414/AD7415
Rev. F | Page 9 of 20
INTERNAL REGISTER STRUCTURE
The AD7414 has five internal registers, as shown in Figure 8.
Four are data registers, and one is an address pointer register.
SDA
SCL
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
REGISTER
THIGH
REGISTER
TLOW
REGISTER
D
A
T
A
ADDRESS
POINTER
REGISTER
SERIAL BUS INTERFACE
Figure 8. AD7414 Register Structure
The AD7415 has three internal registers, as shown in Figure 9.
Two are data registers, and one is an address pointer register.
SDA
SCL
D
A
T
A
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
REGISTER
ADDRESS
POINTER
REGISTER
Figure 9. AD7415 Register Structure
Each data register has an address pointed to by the address
pointer register when communicating with it. The temperature
value register is the only data register that is read-only.
ADDRESS POINTER REGISTER
The address pointer register is an 8-bit register that stores an
address that points to one of the four data registers of the
AD7414 and one of the two data registers of the AD7415. The
first byte of every serial write operation to the AD7414/AD7415
is the address of one of the data registers, which is stored in the
address pointer register and selects the data register to which
subsequent data bytes are written. Only the 2 LSBs of this
register are used to select a data register.
Table 6. Address Pointer Register
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Select
Table 7. AD7414 Register Address
P1
P0
Register
0
0
Temperature value register (read-only)
0
1
Configuration register (read/write)
1
0
THIGH register (read/write)
1
1
TLOW register (read/write)
Table 8. AD7415 Register Address
P1
P0
Registers
0
0
Temperature value register (read-only)
0
1
Configuration register (read/write)
Table 9. AD7414 Configuration Register
D7
D6
D5
D4
D3
D2
D1 D0
PD
FLTR
ALERT
EN
ALERT
POLARITY
ALERT
RESET
ONE
SHOT
TEST
MODE
01
11
01
01
01
01
0s1
1 Default settings at power-up.
CONFIGURATION REGISTER (ADDRESS 0X01)
The configuration register is an 8-bit read/write register that is
used to set the operating modes of the AD7414/AD7415. In the
AD7414, six of the MSBs are used (D7 to D2) to set the
operating modes (see Table 10). D0 and D1 are used for factory
settings and must have zeros written to them during normal
operation.
Table 10. AD7414 Configuration Register Settings
D7
Full power-down if = 1.
D6
Bypass SDA and SCL filtering if = 0.
D5
Disable ALERT if = 1.
D4
ALERT is active low if D4 = 0, ALERT is active high if D4 = 1.
D3
Reset the ALERT pin if set to 1. The next temperature
conversion has the ability to activate the ALERT function.
The bit status is not stored; thus this bit is 0 if read.
D2
Initiate a one shot temperature conversion if set to a 1.
The bit status is not stored; thus this bit is 0 if read.
Table 11. AD7415 Configuration Register
D7
D6
D5
D4
D3
D2
D1
D0
PD
FLTR
TEST MODE
0s1
ONE SHOT
TEST MODE
01
11
0s1
0s1
1 Default settings at power-up.


Numéro de pièce similaire - AD7415ARTZ-0500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7415 AD-AD7415 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
More results

Description similaire - AD7415ARTZ-0500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com