Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7396 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD7396
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7396 Fiches technique(HTML) 1 Page - Analog Devices

  AD7396_15 Datasheet HTML 1Page - Analog Devices AD7396_15 Datasheet HTML 2Page - Analog Devices AD7396_15 Datasheet HTML 3Page - Analog Devices AD7396_15 Datasheet HTML 4Page - Analog Devices AD7396_15 Datasheet HTML 5Page - Analog Devices AD7396_15 Datasheet HTML 6Page - Analog Devices AD7396_15 Datasheet HTML 7Page - Analog Devices AD7396_15 Datasheet HTML 8Page - Analog Devices AD7396_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7396/AD7397
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
3 V, Parallel Input
Dual 12-Bit /10-Bit DACs
FUNCTIONAL BLOCK DIAGRAM
DACA
REGISTER
12
INPUTA
REGISTER
DACB
REGISTER
12
INPUTB
REGISTER
AD7396
12-BIT
DACA
12-BIT
DACB
1
DATA
LDA
CS
A/
B
DGND
RS
SHDN
VDD
VOUTA
VREF
VOUTB
AGND
LDB
12
FEATURES
Micropower: 100
A/DAC
0.1
A Typical Power Shutdown
Single Supply +2.7 V to +5.5 V Operation
Compact 1.1 mm Height TSSOP 24-Lead Package
AD7396: 12-Bit Resolution
AD7397: 10-Bit Resolution
0.9 LSB Differential Nonlinearity Error
APPLICATIONS
Automotive Output Span Voltage
Portable Communications
Digitally Controlled Calibration
PC Peripherals
GENERAL DESCRIPTION
The AD7396/AD7397 series of dual, 12-bit and 10-bit voltage-
output digital-to-analog converters are designed to operate from
a single +3 V supply. Built using a CBCMOS process, these
monolithic DACs offer the user low cost and ease of use in
single supply +3 V systems. Operation is guaranteed over the
supply voltage range of +2.7 V to +5.5 V, making this device
ideal for battery operated applications.
A 12-bit wide data latch loads with a 45 ns write time allowing
interface to fast processors without wait states. The double
buffered input structure allows the user to load the input
registers one at a time, then a single load strobe tied to both
LDA+LDB inputs will simultaneously update both DAC out-
puts.
LDA and LDB can also be independently activated to
immediately update their respective DAC registers. An address
input (A/
B) decodes DACA or DACB when the chip select CS
input is strobed. Additionally, an asynchronous
RS input sets
the output to zero-scale at power on or upon user demand.
Power shutdown to submicroamp levels is directly controlled by
the active low
SHDN pin. While in the power shutdown state
register data can still be changed even though the output buffer
is in an open circuit state. Upon return to the normal operating
state the latest data loaded in the DAC register will establish the
output voltage.
Both parts are offered in the same pinout, allowing users to
select the amount of resolution appropriate for their applications
without circuit card changes.
The AD7396/AD7397 are specified for operation over the ex-
tended industrial (–40
°C to +85°C) temperature range. The
AD7397AR is specified for the –40
°C to +125°C automotive
temperature range. AD7396/AD7397s are available in plastic
DIP, and 24-lead SOIC packages. The AD7397ARU is avail-
able for ultracompact applications in a thin 1.1 mm height
TSSOP 24-lead package.
CODE – Decimal
1.0
0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
512
1024
1536
2048
2560
3072
3584
4096
VDD = +3V
VREF = +2.5V
TA = +25 C, +85 C, –55 C
SUPERIMPOSED
Figure 1. DNL vs. Digital Code at Temperature


Numéro de pièce similaire - AD7396_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7396AN AD-AD7396AN Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396AN AD-AD7396AN Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396AR AD-AD7396AR Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396AR AD-AD7396AR Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
More results

Description similaire - AD7396_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com