Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3760-300E Fiches technique(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3760-300E
Description  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3760-300E Fiches technique(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3760-300E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Regulatory Information
The HCPL-0370/3700/3760 has been approved by the following organizations:
Solder Reflow Thermal Profile
Recommended Pb-Free IR Profile
Note: Non-halide flux should be used.
Note: Non-halide flux should be used.
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
15 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
IEC/EN/DIN EN 60747-5-5 (with option 060)
Maximum Working Insulation Voltage V
IORM = 567 Vpeak
for HCPL-0370, and 630 Vpeak for HCPL3700/3760.
Highest Allowable Overvoltage V
IOTM = 6000 Vpeak for
HCPL-0370/3700/3760.
UL
Recognized under UL 1577, component recognition
program, File E55361 (HCPL-0370 pending).
CSA
Approved under CSA Component Acceptance Notice
#5, File CA 88324.
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160¡C
140¡C
150¡C
PEAK
TEMP.
245¡C
PEAK
TEMP.
240¡C
PEAK
TEMP.
230¡C
SOLDERING
TIME
200¡C
PREHEATING TIME
150¡C, 90 + 30 SEC.
2.5¡C ± 0.5¡C/SEC.
3¡C + 1¡C/Ð0.5¡C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3¡C + 1¡C/Ð0.5¡C/SEC.
REFLOW HEATING RATE 2.5¡C ± 0.5¡C/SEC.


Numéro de pièce similaire - HCPL-3760-300E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-3760-300 HP-HCPL-3760-300 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
More results

Description similaire - HCPL-3760-300E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com