Moteur de recherche de fiches techniques de composants électroniques |
|
SA120 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SA120 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page SA5.0 thru SA170CA Document Number: SA5.0 thru SA170CA www.smsemi.com Feb.29, 2012 1 Maximum Ratings and Electrical Characteristics @ 25 OC unless otherwise specified Symbol Conditions Value Unit PPPM Peak pulse power capability with a 10/1000 μs 500 W IPPM Peak pulse current with a 10/1000μs SEE TABLE1 A PM(AV) Steady state power dissipation at TL=75℃ ,Lead lengths 0.375”(10mm) 2.5 W IFSM Peak forward surge current,8.3ms single half sine-wave unidirectional only 70 A VF Maximum instantaneous forward voltage at 30A for unidirectional only⑴ 3.5 V RθJL Thermal resistance junction to lead 45 ℃/W RθJA Thermal resistance junction to ambient 105 ℃/W TJ, TSTG Operating and Storage Temperature -65 to +150 ℃ Notes: ⑴ Measured on 8.3ms single half sine-wave Transient Voltage Suppressor Breakdown Voltage 5.0 to 170 Volts Peak Pulse Power 500 Watts Features Breakdown Voltages (VBR) from 5.0 to 170V 500W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle):0.01% Fast Response Time Low incremental surge resistance Excellent clamping capability Available in uni-directional and bi-directional High temperature soldering guaranteed: 265℃ /10 seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg) tension Application Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICS, MOSFE, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication Mechanical Data Case: Void-free transfer molded thermosetting epoxy body meeting UL94V-O Terminals: Tin-Lead or ROHS Compliant annealed matte-Tin plating readily solderable per MIL-STD-750, Method 2026 Marking: Body marked with part number Polarity: Band denotes cathode. Bidirectional not marked Weight: 0.4g(Approximately) CASE: DO-204AC (DO-15) Dimensions in inches and (millimeters) 打印无效 |
Numéro de pièce similaire - SA120 |
|
Description similaire - SA120 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |