Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C752B-EP Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL16C752B-EP
Description  3.3 V DUAL UART WITH 64-BYTE FIFO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752B-EP Fiches technique(HTML) 2 Page - Texas Instruments

  TL16C752B-EP Datasheet HTML 1Page - Texas Instruments TL16C752B-EP Datasheet HTML 2Page - Texas Instruments TL16C752B-EP Datasheet HTML 3Page - Texas Instruments TL16C752B-EP Datasheet HTML 4Page - Texas Instruments TL16C752B-EP Datasheet HTML 5Page - Texas Instruments TL16C752B-EP Datasheet HTML 6Page - Texas Instruments TL16C752B-EP Datasheet HTML 7Page - Texas Instruments TL16C752B-EP Datasheet HTML 8Page - Texas Instruments TL16C752B-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TL16C752B-EP
SGLS153B – FEBRUARY 2003 – REVISED DECEMBER 2007
www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TL16C752B is a dual-universal asynchronous receiver/transmitter (UART) with 64-byte FIFOs, automatic
hardware/software flow control, and data rates up to 3 Mbps. The TL16C752B offers enhanced features. It has a
transmission control register (TCR) that stores receiver FIFO threshold levels to start/stop transmission during
hardware and software flow control. With the FIFO RDY register, the software gets the status of TXRDY/RXRDY
for all four ports in one access. On-chip status registers provide the user with error indications, operational
status, and modem interface control. System interrupts may be tailored to meet user requirements. An internal
loopback capability allows onboard diagnostics.The UART transmits data, sent to it over the peripheral 8-bit bus,
on the TX signal and receives characters on the RX signal. Characters can be programmed to be 5, 6, 7, or 8
bits. The UART has a 64-byte receive FIFO and transmit FIFO and can be programmed to interrupt at different
trigger levels. The UART generates its own desired baud rate based upon a programmable divisor and its input
clock. It can transmit even, odd, or no parity and 1, 1.5, or 2 stop bits. The receiver can detect break, idle, or
framing errors, FIFO overflow, and parity errors. The transmitter can detect FIFO underflow. The UART also
contains a software interface for modem control operations, and has software flow control and hardware flow
control capabilities.
The TL16C752B is available in a 48-pin PT (LQFP) package.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
–40°C to 105°C
TL16C752BTPTREP
–55°C to 110°C
TL16C752BLPTREP
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI Web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at
www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Links: TL16C752B-EP


Numéro de pièce similaire - TL16C752B-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results

Description similaire - TL16C752B-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com