Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD82C86H Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce CD82C86H
Description  CMOS Octal Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD82C86H Fiches technique(HTML) 5 Page - Intersil Corporation

  CD82C86H Datasheet HTML 1Page - Intersil Corporation CD82C86H Datasheet HTML 2Page - Intersil Corporation CD82C86H Datasheet HTML 3Page - Intersil Corporation CD82C86H Datasheet HTML 4Page - Intersil Corporation CD82C86H Datasheet HTML 5Page - Intersil Corporation CD82C86H Datasheet HTML 6Page - Intersil Corporation CD82C86H Datasheet HTML 7Page - Intersil Corporation CD82C86H Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-321
Timing Waveform
AC Electrical Specifications VCC = 5.0V ± 10%;
TA = 0
oC to +70oC (C82C86H);
Freq = 1MHz
TA = -40
oC to +85oC (I82C86H);
TA = -55
oC to +125oC (M82C86H)
SYMBOL
PARAMETER
MIN
NOTE 4
UNITS
TEST CONDITIONS
82C86H
MAX
82C86H-5
MAX
(1)
TIVOV
Input to Output Delay
Notes 1, 2
Inverting
5
30
35
ns
Non-Inverting
5
32
35
ns
(2)
TEHTV
Transmit/Receive Hold Time
5
-
-
ns
Notes 1, 2
(3)
TTVEL
Transmit/Receive Setup Time
10
-
-
ns
Notes 1, 2
(4)
TEHOZ
Output Disable Time
5
30
35
ns
Notes 1, 2
(5)
TELOV
Output Enable Time
10
50
65
ns
Notes 1, 2
(6)
TR, TF
Input Rise/Fall Times
-
20
20
ns
Notes 1, 2
(7)
TEHEL
Minimum Output Enable High Time
Note 3
82C86H
30
-
-
ns
82C86H-5
35
-
-
ns
NOTES:
1. All AC parameters tested as per test circuits and definitions in timing waveforms and test load circuits. Input rise and fall times are driven
at 1ns/V.
2. Input test signals must switch between VIL - 0.4V and VIH +0.4V.
3. A system limitation only when changing direction. Not a measured parameter.
4. 82C86H is available in commercial and industrial temperature ranges only. 82C86H-5 is available in commercial, industrial and military
temperature ranges.
NOTE: All timing measurements are made at 1.5V unless otherwise noted.
INPUTS
TR, TF (6)
2.0V
0.8V
VOH -0.1V
TELOV (5)
VOL +0.1V
TTVEL (3)
3.0V
0.45V
OUTPUTS
T
TEHEL (7)
TIVOV
(1)
TEHOZ
(4)
TEHTV (2)
OE
82C86H
82C86H


Numéro de pièce similaire - CD82C86H

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD82C82 INTERSIL-CD82C82 Datasheet
103Kb / 7P
   CMOS Octal Latching Bus Driver
March 1997
CD82C82 INTERSIL-CD82C82 Datasheet
148Kb / 7P
   CMOS Octal Latching Bus Driver
CD82C83H INTERSIL-CD82C83H Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
CD82C84A INTERSIL-CD82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
CD82C84A INTERSIL-CD82C84A Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results

Description similaire - CD82C86H

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com