Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6654 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD6654
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6654 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD6654_15 Datasheet HTML 4Page - Analog Devices AD6654_15 Datasheet HTML 5Page - Analog Devices AD6654_15 Datasheet HTML 6Page - Analog Devices AD6654_15 Datasheet HTML 7Page - Analog Devices AD6654_15 Datasheet HTML 8Page - Analog Devices AD6654_15 Datasheet HTML 9Page - Analog Devices AD6654_15 Datasheet HTML 10Page - Analog Devices AD6654_15 Datasheet HTML 11Page - Analog Devices AD6654_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
AD6654
Rev. 0 | Page 8 of 88
ELECTRICAL CHARACTERISTICS
AVDD = 5.0 V, DRVDD = 3.3 V, VDDCORE = 1.8 V, VDDIO = 3.3 V, maximum rated sample rate, differential input, unless
otherwise noted.
Table 6.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
LOGIC INPUTS (NOT 5 V TOLERANT)
Logic Compatibility
Full
IV
3.3 V CMOS
Logic 1 Voltage
Full
IV
2.0
3.6
V
Logic 0 Voltage
Full
IV
−0.3
+0.8
V
Logic 1 Current
Full
IV
1
10
µA
Logic 0 Current
Full
IV
1
10
µA
Logic 1 Current (Inputs With Pull-Down)
Full
IV
Logic 0 Current (Inputs With Pull-Up)
Full
IV
Input Capacitance
25°C
V
4
pF
LOGIC OUTPUTS
Logic Compatibility
Full
IV
3.3 V CMOS
Logic 1 Voltage (IOH = 0.25 mA)
Full
IV
2.4
VDDIO − 0.2
V
Logic 0 Voltage (IOL = 0.25 mA)
Full
IV
0.2
0.4
V
SUPPLY CURRENTS
WCDMA (92.16 MSPS) EXAMPLE1
IAVDD
25°C
V
275
mA
IDRVDD
25°C
V
32
mA
IVDD
25°C
V
460
mA
IVDDIO
25°C
V
60
mA
CDMA2000 (92.16 MSPS) EXAMPLE1
IAVDD
25°C
V
275
mA
IDRVDD
25°C
V
32
mA
IVDD
25°C
V
435
mA
IVDDIO
25°C
V
25
mA
TDS-CDMA (76.8 MSPS) EXAMPLE1, 2
IAVDD
25°C
V
275
mA
IDRVDD
25°C
V
32
mA
IVDD
25°C
V
250
mA
IVDDIO
25°C
V
15
mA
TOTAL POWER DISSIPATION
WCDMA (92.16 MSPS)1
25°C
V
2.5
W
CDMA2000 (92.16 MSPS)1
25°C
V
2.3
W
TDS-CDMA (76.8 MSPS)1, 2
25°C
V
2.0
W
1 ADC input port, all six DDC channels, and the relevant signal processing blocks are active.
2 PLL is turned off for power savings.


Numéro de pièce similaire - AD6654_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6654/PCB AD-AD6654/PCB Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6654BBC AD-AD6654BBC Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6654BBCZ AD-AD6654BBCZ Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6654CBC AD-AD6654CBC Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6654CBCZ AD-AD6654CBCZ Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
More results

Description similaire - AD6654_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6654 AD-AD6654 Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
logo
Analog Devices
AD6652 AD-AD6652 Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
[Old version datasheet]   14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com