Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T499B474K035ATE8K0 Fiches technique(PDF) 6 Page - Kemet Corporation

No de pièce T499B474K035ATE8K0
Description  Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

T499B474K035ATE8K0 Fiches technique(HTML) 6 Page - Kemet Corporation

Back Button T499B474K035ATE8K0 Datasheet HTML 2Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 3Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 4Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 5Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 6Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 7Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 8Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 9Page - Kemet Corporation T499B474K035ATE8K0 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2054_T499_AUTO • 11/21/2014
66
Tantalum Surface Mount Capacitors – Automotive Grade
T499 Series Automotive Grade MnO2 175°C
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC @ 85ºC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ +20ºC
100 kHz Max
mA @ +25ºC
100 kHz
mA @ +85ºC
100 kHz
mA @ +125ºC
100 kHz
ºC
Reflow Temp
≤ 260ºC
20
6.8
C/6032-28
T499C685(1)020A(2)E1K9
1.4
6
1900
241
217
96
175
1
20
10
C/6032-28
T499C106(1)020A(2)E1K8
2.0
6
1800
247
222
99
175
1
20
15
C/6032-28
T499C156(1)020A(2)E1K7
3.0
6
1700
254
229
102
175
1
20
15
D/7343-31
T499D156(1)020A(2)E1K0
3.0
6
1000
387
348
155
175
1
20
22
D/7343-31
T499D226(1)020A(2)E800
4.4
6
800
433
390
173
175
1
25
0.47
A/3216-18
T499A474(1)025A(2)E14K
0.5
4
14000
73
66
29
175
1
25
0.68
A/3216-18
T499A684(1)025A(2)E10K
0.5
4
10000
87
78
35
175
1
25
1
A/3216-18
T499A105(1)025A(2)E8K0
0.5
4
8000
97
87
39
175
1
25
1.5
A/3216-18
T499A155(1)025A(2)E5K0
0.5
6
5000
122
110
49
175
1
25
2.2
B/3528-21
T499B225(1)025A(2)E4K5
0.6
6
4500
137
123
55
175
1
25
3.3
C/6032-28
T499C335(1)025A(2)E2K5
0.8
6
2500
210
189
84
175
1
25
4.7
C/6032-28
T499C475(1)025A(2)E2K4
1.2
6
2400
214
193
86
175
1
25
6.8
C/6032-28
T499C685(1)025A(2)E1K9
1.7
6
1900
241
217
96
175
1
25
6.8
D/7343-31
T499D685(1)025A(2)E1K1
1.7
6
1100
369
332
148
175
1
25
10
C/6032-28
T499C106(1)025A(2)E1K5
2.5
6
1500
271
244
108
175
1
25
10
D/7343-31
T499D106(1)025A(2)E1K0
2.5
6
1000
387
348
155
175
1
25
15
D/7343-31
T499D156(1)025A(2)E1K0
3.8
6
1000
387
348
155
175
1
25
22
D/7343-31
T499D226(1)025A(2)E800
5.5
6
800
433
390
173
175
1
25
33
D/7343-31
T499D336(1)025A(2)E700
8.3
6
700
463
417
185
175
1
35
0.15
A/3216-18
T499A154(1)035A(2)E19K
0.5
4
19000
63
57
25
175
1
35
0.22
A/3216-18
T499A224(1)035A(2)E18K
0.5
4
18000
65
59
26
175
1
35
0.33
A/3216-18
T499A334(1)035A(2)E15K
0.5
4
15000
71
64
28
175
1
35
0.47
B/3528-21
T499B474(1)035A(2)E8K0
0.5
4
8000
103
93
41
175
1
35
0.68
B/3528-21
T499B684(1)035A(2)E6K5
0.5
4
6000
119
107
48
175
1
35
1
A/3216-18
T499A105(1)035A(2)E10K
0.5
4
10000
87
78
35
175
1
35
1
B/3528-21
T499B105(1)035A(2)E5K0
0.5
4
5000
130
117
52
175
1
35
1.5
C/6032-28
T499C155(1)035A(2)E4K5
0.5
6
4500
156
140
62
175
1
35
2.2
C/6032-28
T499C225(1)035A(2)E3K5
0.8
6
3500
177
159
71
175
1
35
3.3
C/6032-28
T499C335(1)035A(2)E2K5
1.2
6
2500
210
189
84
175
1
35
4.7
C/6032-28
T499C475(1)035A(2)E2K5
1.6
6
2500
210
189
84
175
1
35
6.8
D/7343-31
T499D685(1)035A(2)E1K3
2.4
6
1300
340
306
136
175
1
35
10
D/7343-31
T499D106(1)035A(2)E1K0
3.5
6
1000
387
348
155
175
1
35
22
X/7343-43
T499X226(1)035A(2)E700
7.7
6
700
486
437
194
175
1
35
33
X/7343-43
T499X336(1)035A(2)E600
11.6
6
600
524
472
210
175
1
50
3.3
D/7343-31
T499D335(1)050A(2)E2K0
1.7
6
2000
274
247
110
175
1
50
4.7
D/7343-31
T499D475(1)050A(2)E900
2.4
4.5
900
408
367
163
175
1
50
10
D/7343-31
T499D106(1)050A(2)E1K0
5.0
6
1000
387
348
155
175
1
VDC @ 85ºC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ +20ºC
100 kHz Max
mA @ +25ºC
100 kHz
mA @ +85ºC
100 kHz
mA @ +125ºC
100 kHz
ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-
Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.


Numéro de pièce similaire - T499B474K035ATE8K0

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T499B475K006AGE15K KEMET-T499B475K006AGE15K Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499B475K006AGE1K5 KEMET-T499B475K006AGE1K5 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499B475K006AGE500 KEMET-T499B475K006AGE500 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499B475K006AHE15K KEMET-T499B475K006AHE15K Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
T499B475K006AHE1K5 KEMET-T499B475K006AHE1K5 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
More results

Description similaire - T499B474K035ATE8K0

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T499X227M010ATE500 KEMET-T499X227M010ATE500_16 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Automotive Grade
T490B227M006AT KEMET-T490B227M006AT Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com