Moteur de recherche de fiches techniques de composants électroniques |
|
LCE14A Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
LCE14A Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 4 page LCE6.5 thru LCE170A Document Number: LCE6.5 thru LCE170A www.smsemi.com Feb.29, 2012 3 Note1: A transient voltage suppressor is normally selected according to voltage (VWM), which should be equal to or greater than the dc or continuous peak operating voltage level. Characteristic Curve Microsemi Part Number Breakdown Voltage VBR @ IBR Reverse Stand Off Voltage Maximum Standby current ID @ VWM Maximum Peak Pulse Current IPP @ 10/ 1000µs Maximum Clamping Voltage VC @ IPP Maximum Capacitance @ 0V f=1MHZ Working Inverse Blocking Voltage IIIB @VWIB Peak Inverse Blocking Voltage MIN MAX IBR (mA) VBR(V) VWM(V) ID(µA) IPP (A) VC(V) pF VWIB(V) IIB(μA) VPIB(V) LCE54 LCE54A LCE58 LCE58A 60.0 60.0 64.4 64.4 73.3 66.3 78.7 71.2 1 1 1 1 54.0 54.0 58.0 58.0 5 5 5 5 15.6 17.2 14.6 16.0 96.3 87.1 103.0 93.6 100 100 100 100 150 150 150 150 10 10 10 10 200 200 200 200 LCE60 LCE60A LCE64 LCE64A 66.7 66.7 71.1 71.1 81.5 73.7 86.9 78.6 1 1 1 1 60.0 60.0 64.0 64.0 5 5 5 5 14.0 15.5 13.2 14.6 107.0 96.8 114.0 103.0 90 90 90 90 150 150 150 150 10 10 10 10 200 200 200 200 LCE70 LCE70A LCE75 LCE75A 77.8 77.8 83.3 83.3 95.1 86.0 102 92.1 1 1 1 1 70.0 70.0 75.0 75.0 5 5 5 5 12.0 13.3 11.2 12.4 125.0 113.0 134.0 121.0 90 90 90 90 150 150 150 150 10 10 10 10 200 200 200 200 LCE80 LCE80A LCE90 LCE90A 88.7 88.7 100 100 108 98.0 122 111 1 1 1 1 80.0 80.0 90.0 90.0 5 5 5 5 10.6 11.6 9.4 10.3 142.0 129.0 160.0 146.0 90 90 90 90 150 150 300 300 10 10 10 10 200 200 200 200 LCE100 LCE100A LCE110 LCE110 111 111 122 122 136 123 149 135 1 1 1 1 100.0 100.0 110.0 110.0 5 5 5 5 8.4 9.3 7.7 8.4 179.0 162.0 196.0 178.0 90 90 90 90 300 300 300 300 10 10 10 10 200 200 400 400 LCE120 LCE120A LCE130 LCE130A 133 133 144 144 163 147 176 159 1 1 1 1 120.0 120.0 130.0 130.0 5 5 5 5 7.0 7.8 6.5 7.2 214.0 193.0 231.0 209.0 90 90 90 90 300 300 300 300 10 10 10 10 400 400 400 400 LCE150 LCE150A LCE160 LCE160A 167 167 178 178 204 185 218 197 1 1 1 1 150.0 150.0 160.0 160.0 5 5 5 5 5.6 6.2 5.2 5.8 268.0 243.0 287.0 259.0 90 90 90 90 300 300 300 300 10 10 10 10 400 400 400 400 LCE170 LCE170A 189 189 231 209 1 1 170.0 170.0 5 5 4.9 5.4 304.0 275.0 90 90 300 300 10 10 400 400 Fig. 1 Peak Pulse Power vs. Pulse Time Fig.2 Pulse Waveform for Exponential Surge 100 10 1.0 0.1 0.1 1.0 10 10 2 10 3 tw-Pulse Width (µs) 0 1.0 2.0 3.0 4.0 t-Time (ms) tr=10µs Peak Value IPP Half Value IPP 2 10/1000µs Waveform as defined by R.E.A. 150 100 50 0 Impulse Exponential Decay 1.0 0.5 IPP IPP tW tW tW=0.71p tp Half Sine Square Wave Current Waveforms tW 打印无效 |
Numéro de pièce similaire - LCE14A |
|
Description similaire - LCE14A |