Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6121 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD6121
Description  CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6121 Fiches technique(HTML) 3 Page - Analog Devices

  AD6121_15 Datasheet HTML 1Page - Analog Devices AD6121_15 Datasheet HTML 2Page - Analog Devices AD6121_15 Datasheet HTML 3Page - Analog Devices AD6121_15 Datasheet HTML 4Page - Analog Devices AD6121_15 Datasheet HTML 5Page - Analog Devices AD6121_15 Datasheet HTML 6Page - Analog Devices AD6121_15 Datasheet HTML 7Page - Analog Devices AD6121_15 Datasheet HTML 8Page - Analog Devices AD6121_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD6121
–3–
REV. B
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VPS1, VPS2 to COM1, COM2 . . . . . . . +5 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD6121ARS
–40
°C to +85°C
Shrink Small Outline Package (SSOP)
RS-28
AD6121ARSRL
–40
°C to +85°C
28-Lead SSOP on Tape and Reel
AD6121ACP
–40
°C to +85°C
Chip Scale Package (LPCC)
CP-32
AD6121ACPRL
–40
°C to +85°C
32-Leadless LPCC on Tape and Reel
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6121 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
2
23
IFGND
LDOGND
3
22
FMIPP
IOPP
4
21
FMIPN
IOPN
5
20
IFVCC
QOPP
6
19
DGND
QOPN
7
18
LOIPP
PD1
8
17
LOIPN
REFOUT
1
24
IFGND
LDOGND
10
31
11
30
12
29
13
28
14
27
15
26
16
25
9
32
AD6121 Top View
(Not to Scale)
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD6121
LDOE
LDOB
LDOC
DVCC
LOIPN
LOIPP
DGND
CDMA/FM
CDMAIPP
CDMAIPN
IFGND
IFVCC
FMIPN
FMIPP
PD2
VGAIN
REFIN
REFOUT
PD1
QOPN
QOPP
IFOPP
IFOPN
DEMIPN
DEMIPP
IOPN
IOPP
LDOGND
SSOP Package
LPCC Package
NC = NO CONNECT
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal Characteristics: 28-lead SSOP Package:
θ
JA = 115.25
°C/W.


Numéro de pièce similaire - AD6121_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
More results

Description similaire - AD6121_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com