Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817W Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BC817W
Description  45 V, 500 mA NPN general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC817W Fiches technique(HTML) 5 Page - NXP Semiconductors

  BC817W Datasheet HTML 1Page - NXP Semiconductors BC817W Datasheet HTML 2Page - NXP Semiconductors BC817W Datasheet HTML 3Page - NXP Semiconductors BC817W Datasheet HTML 4Page - NXP Semiconductors BC817W Datasheet HTML 5Page - NXP Semiconductors BC817W Datasheet HTML 6Page - NXP Semiconductors BC817W Datasheet HTML 7Page - NXP Semiconductors BC817W Datasheet HTML 8Page - NXP Semiconductors BC817W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BC817_BC817W_BC337_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
5 of 19
NXP Semiconductors
BC817; BC817W; BC337
45 V, 500 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
[2]
VBE decreases by approximately 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
IE = 0 A; VCB = 20 V
-
-
100
nA
IE = 0 A; VCB = 20 V;
Tj =150 °C
--5
μA
IEBO
emitter-base cut-off current
IC = 0 A; VEB = 5 V
-
-
100
nA
hFE
DC current gain
IC = 100 mA; VCE = 1 V
[1]
BC817; BC817W; BC337
100
-
600
BC817-16; BC817-16W;
BC337-16
100
-
250
BC817-25; BC817-25W;
BC337-25
160
-
400
BC817-40; BC817-40W;
BC337-40
250
-
600
hFE
DC current gain
IC = 500 mA; VCE = 1 V
[1] 40
-
-
VCEsat
collector-emitter saturation
voltage
IC = 500 mA; IB = 50 mA
[1] --700
mV
VBE
base-emitter voltage
IC = 500 mA; VCE = 1 V
[2] --1.2
V
Cc
collector capacitance
IE = ie = 0 A; VCB = 10 V;
f=1MHz
-3
-
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V;
f=100MHz
100
-
-
MHz


Numéro de pièce similaire - BC817W

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC817W PHILIPS-BC817W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Galaxy Semi-Conductor H...
BC817W BILIN-BC817W Datasheet
225Kb / 5P
   NPN general purpose transistor
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Foshan Blue Rocket Elec...
BC817W FOSHAN-BC817W Datasheet
901Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
logo
Diotec Semiconductor
BC817W DIOTEC-BC817W Datasheet
174Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Description similaire - BC817W

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K_SER NEXPERIA-BC817K_SER Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817QBH-Q_SER NEXPERIA-BC817QBH-Q_SER Datasheet
318Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022
BC817W_SER NEXPERIA-BC817W_SER Datasheet
319Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817-Q_SER NEXPERIA-BC817-Q_SER Datasheet
305Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817QC_SER NEXPERIA-BC817QC_SER Datasheet
323Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
logo
NXP Semiconductors
BC817-25QA NXP-BC817-25QA Datasheet
211Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1-3 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com