Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5645R Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5645R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5645R Fiches technique(HTML) 3 Page - Analog Devices

  AD5645R_15 Datasheet HTML 1Page - Analog Devices AD5645R_15 Datasheet HTML 2Page - Analog Devices AD5645R_15 Datasheet HTML 3Page - Analog Devices AD5645R_15 Datasheet HTML 4Page - Analog Devices AD5645R_15 Datasheet HTML 5Page - Analog Devices AD5645R_15 Datasheet HTML 6Page - Analog Devices AD5645R_15 Datasheet HTML 7Page - Analog Devices AD5645R_15 Datasheet HTML 8Page - Analog Devices AD5645R_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 3 of 36
SPECIFICATIONS
SPECIFICATIONS—AD5665R/AD5645R/AD5625R
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREFIN = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments1
STATIC PERFORMANCE2
AD5665R
Resolution
16
Bits
Relative Accuracy
±8
±16
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
AD5645R
Resolution
14
Bits
Relative Accuracy
±2
±4
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic by design
AD5625R
Resolution
12
12
Bits
Relative Accuracy
±1
±4
±0.5
±1
LSB
Differential Nonlinearity
±1
±0.25
LSB
Guaranteed monotonic by design
Zero-Code Error
2
10
2
10
mV
All 0s loaded to DAC register
Offset Error
±1
±10
±1
±10
mV
Full-Scale Error
−0.1
±0.5
−0.1
±0.5
% FSR
All 1s loaded to DAC register
Gain Error
±0.1
±1.25
±0.1
±1
% FSR
Zero-Code Error Drift
±2
±2
µV/°C
Gain Temperature Coefficient
±2.5
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection
Ratio
−100
−100
dB
DAC code = midscale; VDD = 5 V ± 10%
DC Crosstalk (External
Reference)
15
15
µV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
10
10
µV/mA
Due to load current change
8
8
µV
Due to powering down (per channel)
DC Crosstalk (Internal
Reference)
25
25
µV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
20
20
µV/mA
Due to load current change
10
10
µV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
0
VDD
V
Internal reference disabled
0
2 ×
VREF
2 ×
VREF
Internal reference enabled
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
0.5
Ω
Short-Circuit Current
30
30
mA
VDD = 5 V
Power-Up Time
4
4
µs
Coming out of power-down mode;
VDD = 5 V
REFERENCE INPUTS
Reference Current
210
260
210
260
µA
VREF = VDD = 5.5 V
Reference Input Range
0.75
VDD
0.75
VDD
V
Reference Input Impedance
26
26


Numéro de pièce similaire - AD5645R_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5645RBCPZ-250RL7 AD-AD5645RBCPZ-250RL7 Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
AD5645RBCPZ-R2 AD-AD5645RBCPZ-R2 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5645RBCPZ-REEL7 AD-AD5645RBCPZ-REEL7 Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
AD5645RBCPZ-REEL7 AD-AD5645RBCPZ-REEL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5645RBRUZ AD-AD5645RBRUZ Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
More results

Description similaire - AD5645R_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5627 AD-AD5627_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com