Moteur de recherche de fiches techniques de composants électroniques |
|
7429FCT53ATQB Fiches technique(PDF) 4 Page - Integrated Device Technology |
|
7429FCT53ATQB Fiches technique(HTML) 4 Page - Integrated Device Technology |
4 / 8 page IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT FAST CMOS OCTAL REGISTERED TRANSCEIVERS MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.1 4 DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Commercial: TA = 0 °C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10% Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit VIH Input HIGH Level Guaranteed Logic HIGH Level 2.0 — — V VIL Input LOW Level Guaranteed Logic LOW Level — — 0.8 V II H Input HIGH Current(4) VCC = Max. VI = 2.7V — — ±1 µA II L Input LOW Current(4) VI = 0.5V — — ±1 IOZH High Impedance Output Current VCC = Max. VO = 2.7V — — ±1 µA IOZL (3-State Output pins)(4) VO = 0.5V — — ±1 II Input HIGH Current(4) VCC = Max., VI = VCC (Max.) — — ±1 µA VIK Clamp Diode Voltage VCC = Min., IIN = –18mA — –0.7 –1.2 V VH Input Hysteresis — — 200 — mV ICC Quiescent Power Supply Current VCC = Max., VIN = GND or VCC — 0.01 1 mA OUTPUT DRIVE CHARACTERISTICS FOR 29FCT52T/29FCT53T Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit VOH Output HIGH Voltage VCC = Min. VIN = VIH or VIL IOH = –6mA MIL. IOH = –8mA COM'L. 2.4 3.3 — V IOH = –12mA MIL. IOH = –15mA COM'L. 2.0 3.0 — V VOL Output LOW Voltage VCC = Min. VIN = VIH or VIL IOL = 48mA MIL. IOL = 64mA COM'L. — 0.3 0.55 V IOS Short Circuit Current VCC = Max., VO = GND(3) –60 –120 –225 mA IOFF Input/Output Power Off Leakage(5) VCC = 0V, VIN or VO ≤ 4.5V — — ±1 µA OUTPUT DRIVE CHARACTERISTICS FOR 29FCT2052T Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit IODL Output LOW Current VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3) 16 48 — mA IODH Output HIGH Current VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3) –16 –48 — mA VOH Output HIGH Voltage VCC = Min. VIN = VIH or VIL IOH = –12mA MIL. IOH = –15mA COM'L. 2.4 3.3 — V VOL Output LOW Voltage VCC = Min. VIN = VIH or VIL IOL = 12mA — 0.3 0.50 V NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5.0V, +25 °C ambient. 3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second. 4. The test limit for this parameter is ±5µA at TA = –55°C. 5. This parameter is guaranteed but not tested. 2629 tbl 06 2629 tbl 07 2629 tbl 08 |
Numéro de pièce similaire - 7429FCT53ATQB |
|
Description similaire - 7429FCT53ATQB |