Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5452YRMZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5452YRMZ
Description  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5452YRMZ Fiches technique(HTML) 3 Page - Analog Devices

  AD5452YRMZ Datasheet HTML 1Page - Analog Devices AD5452YRMZ Datasheet HTML 2Page - Analog Devices AD5452YRMZ Datasheet HTML 3Page - Analog Devices AD5452YRMZ Datasheet HTML 4Page - Analog Devices AD5452YRMZ Datasheet HTML 5Page - Analog Devices AD5452YRMZ Datasheet HTML 6Page - Analog Devices AD5452YRMZ Datasheet HTML 7Page - Analog Devices AD5452YRMZ Datasheet HTML 8Page - Analog Devices AD5452YRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 3 of 28
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless otherwise
noted. DC performance measured with OP177 and ac performance measured with AD8038, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
AD5450
Resolution
8
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
Total Unadjusted Error
±0.5
LSB
Gain Error
±0.25
LSB
AD5451
Resolution
10
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
Total Unadjusted Error
±0.5
LSB
Gain Error
±0.25
LSB
AD5452
Resolution
12
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
Total Unadjusted Error
±1
LSB
Gain Error
±0.5
LSB
AD5453
Resolution
14
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
−1/+2
LSB
Guaranteed monotonic
Total Unadjusted Error
±4
LSB
Gain Error
±2.5
LSB
Gain Error Temperature Coefficient1
±2
ppm FSR/°C
Output Leakage Current
±1
nA
Data = 0x0000, TA = 25°C, IOUT1
±10
nA
Data = 0x0000, TA = −40°C to +125°C, IOUT1
REFERENCE INPUT1
Reference Input Range
±10
V
VREF Input Resistance
7
9
11
kΩ
Input resistance, TC = −50 ppm/°C
RFB Feedback Resistance
7
9
11
kΩ
Input resistance, TC = −50 ppm/°C
Input Capacitance
Zero-Scale Code
18
22
pF
Full-Scale Code
18
22
pF
DIGITAL INPUTS/OUTPUTS1
Input High Voltage, VIH
2.0
V
VDD = 3.6 V to 5 V
1.7
V
VDD = 2.5 V to 3.6 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Output High Voltage, VOH
VDD − 1
V
VDD = 4.5 V to 5 V, ISOURCE = 200 µA
VDD − 0.5
V
VDD = 2.5 V to 3.6 V, ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V
VDD = 4.5 V to 5 V, ISINK = 200 µA
0.4
V
VDD = 2.5 V to 3.6 V, ISINK = 200 µA
Input Leakage Current, IIL
±1
nA
TA = 25°C
±10
nA
TA = −40°C to +125°C
Input Capacitance
10
pF


Numéro de pièce similaire - AD5452YRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5452YRMZ AD-AD5452YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452YRMZ-REEL AD-AD5452YRMZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452YRMZ-REEL7 AD-AD5452YRMZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Description similaire - AD5452YRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com