Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5520 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5520 Fiches technique(HTML) 4 Page - Analog Devices

  AD5520_15 Datasheet HTML 1Page - Analog Devices AD5520_15 Datasheet HTML 2Page - Analog Devices AD5520_15 Datasheet HTML 3Page - Analog Devices AD5520_15 Datasheet HTML 4Page - Analog Devices AD5520_15 Datasheet HTML 5Page - Analog Devices AD5520_15 Datasheet HTML 6Page - Analog Devices AD5520_15 Datasheet HTML 7Page - Analog Devices AD5520_15 Datasheet HTML 8Page - Analog Devices AD5520_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5520
Rev. B | Page 4 of 24
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
AMPLIFIER SETTLING TIME4, 5
VSENSE Amp
20
μs
to 0.2%
ISENSE Amp
12
μs
to 0.2%
LOOP SETTLING4, 5
Settling to within 0.024% of 8 V step
COMPIN2 = 100 pF
450
600
μs
MODE0
285
390
μs
MODE1
170
240
μs
MODE2, MODE3
COMPIN1 = 1000 pF
2
2.5
ms
MODE0
1.8
2.4
ms
MODE1, MODE2, MODE3
COMPIN0 = 3000 pF
5.75
8.7
ms
MODE0, MODE1, MODE2, MODE3
SLEW RATE4, 5
50
mV/μs
COMPIN2 = 100 pF
4.3
mV/μs
COMPIN1 = 1000 pF
1.28
mV/μs
COMPIN0 = 3000 pF
COMPARATOR
CPH, CPL Input Range
±11
V
VCPH > VCPL
Input Offset
±7
mV
GUARD DRIVER
Output Voltage
±11
V
Output Impedance
130
Ω
Capacitive load only
Output Offset Voltage
400
mV
Load Current4
±4
mA
Output Settling Time4
0.5
2
μs
100 pF capacitive load
ANALOG REFERENCE INPUTS
Force Control Input Range
±11
V
Force Control Input Impedance
1
Clamp Control Input Range
±11
V
VCLH > VCLL
Clamp Control Input Impedance
1
Comparator Threshold Input Range
±11
V
Comparator Threshold Input Impedance
1
Input Capacitance4
3
pF
LEAKAGE CURRENT
MEASIxx, MEASVx, MEASOUT Leakage
±3
±20
nA
ANALOG MEASUREMENT OUTPUTS
Voltage Measure Output Impedance
2
Ω
Current Measure Output Impedance
3
Ω
Multiplexed Sense Output Impedance
1
Input Capacitance
MEASIxH, MEASVH, FOHx
8
pF
LOGIC INPUTS
Input Current
±1
μA
All digital inputs together
Input Low Voltage, VINL
0.8
V
Input High Voltage, VIHL
2.0
V
Input Capacitance4
3
pF
LOGIC OUTPUTS
Output Low Voltage, VOL4
0.4
V
ISINK = 2 mA
Output High Voltage, VOH4
2.4
V
ISOURCE = 2 mA


Numéro de pièce similaire - AD5520_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results

Description similaire - AD5520_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com