Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5381 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5381
Description  40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5381 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5381_15 Datasheet HTML 6Page - Analog Devices AD5381_15 Datasheet HTML 7Page - Analog Devices AD5381_15 Datasheet HTML 8Page - Analog Devices AD5381_15 Datasheet HTML 9Page - Analog Devices AD5381_15 Datasheet HTML 10Page - Analog Devices AD5381_15 Datasheet HTML 11Page - Analog Devices AD5381_15 Datasheet HTML 12Page - Analog Devices AD5381_15 Datasheet HTML 13Page - Analog Devices AD5381_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD5381
Data Sheet
Figure 3. Serial Interface Timing Diagram (Standalone Mode)
Figure 4. Serial Interface Timing Diagram (Data Readback Mode)
Figure 5. Serial Interface Timing Diagram (Daisy-Chain Mode)
1LDAC ACTIVE DURING BUSY.
2LDAC ACTIVE AFTER BUSY.
BUSY
SYNC
LDAC1
LDAC2
CLR
VOUT
VOUT2
VOUT1
DIN
SCLK
t7
t8 t9
t4
t3
t1
t2
t5
t17
t17
t12
t13
t18
t19
t16
t14
t10
t15
t13
t11
t6
DB0
DB23
24
24
t7A
24
48
SCLK
SYNC
DIN
SDO
DB23
DB0
DB23
DB0
DB23
DB0
INPUT WORD SPECIFIES
REGISTER TO BE READ
UNDEFINED
NOP CONDITION
SELECTED REGISTER
DATA CLOCKED OUT
t22
t13
t23
t21
t2
t3
t20
t8 t9
t7
t4
t1
SCLK
SYNC
SDO
DIN
LDAC
48
24
DB23
DB0
DB0
DB23
DB23
DB0
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N + 1
UNDEFINED
INPUT WORD FOR DAC N
Rev. E | Page 10 of 40


Numéro de pièce similaire - AD5381_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5381BST-3 AD-AD5381BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381BST-3 AD-AD5381BST-3 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5381BST-3 AD-AD5381BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5381BST-3-REEL AD-AD5381BST-3-REEL Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5381BST-5 AD-AD5381BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
More results

Description similaire - AD5381_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859 Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com