Moteur de recherche de fiches techniques de composants électroniques |
|
TP28F001BX-T90 Fiches technique(PDF) 2 Page - Intel Corporation |
|
TP28F001BX-T90 Fiches technique(HTML) 2 Page - Intel Corporation |
2 / 33 page 28F001BX-T28F001BX-B 290406 – 1 Figure 1 28F001BX Block Diagram Table 1 Pin Description Symbol Type Name and Function A0–A16 INPUT ADDRESS INPUTS for memory addresses Addresses are internally latched during a write cycle DQ0–DQ7 INPUT DATA INPUTSOUTPUTS Inputs data and commands during memory write cycles outputs data during memory Status Register and Identifier read cycles The OUTPUT data pins are active high and float to tri-state off when the chip is deselected or the outputs are disabled Data is internally latched during a write cycle CE INPUT CHIP ENABLE Activates the device’s control logic input buffers decoders and sense amplifiers CE is active low CE high deselects the memory device and reduces power consumption to standby levels RP INPUT POWERDOWN Puts the device in deep powerdown mode RP is active low RP high gates normal operation RP e VHH allows programming of the boot block RP also locks out erase or write operations when active low providing data protection during power transitions RP active resets internal automation Exit from deep powerdown sets device to Read Array mode OE INPUT OUTPUT ENABLE Gates the device’s outputs through the data buffers during a read cycle OE is active low OE e VHH (pulsed) allows programming of the boot block WE INPUT WRITE ENABLE Controls writes to the Command Register and array blocks WE is active low Addresses and data are latched on the rising edge of the WE pulse VPP ERASEPROGRAM POWER SUPPLY for erasing blocks of the array or programming bytes of each block Note With VPP k VPPL max memory contents cannot be altered VCC DEVICE POWER SUPPLY (5V g10%) GND GROUND 2 |
Numéro de pièce similaire - TP28F001BX-T90 |
|
Description similaire - TP28F001BX-T90 |