Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1994 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD1994
Description  Audio Switching Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1994 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD1994_15 Datasheet HTML 4Page - Analog Devices AD1994_15 Datasheet HTML 5Page - Analog Devices AD1994_15 Datasheet HTML 6Page - Analog Devices AD1994_15 Datasheet HTML 7Page - Analog Devices AD1994_15 Datasheet HTML 8Page - Analog Devices AD1994_15 Datasheet HTML 9Page - Analog Devices AD1994_15 Datasheet HTML 10Page - Analog Devices AD1994_15 Datasheet HTML 11Page - Analog Devices AD1994_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD1994
Rev. 0 | Page 8 of 24
FREQUENCY (kHz)
TYPICAL PERFORMANCE CHARACTERISTICS
0
–160
020
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
FREQUENCY (kHz)
Figure 4. 1 W Output Power into 4 Ω Load
0
–160
020
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
FREQUENCY (kHz)
Figure 5. 1 W Output Power into 6 Ω Load
0
–160
020
0
–160
020
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
–20
–40
–60
–80
–100
–120
–140
2468
10
12
14
16
18
Figure 6. 1 W Output Power into 8 Ω Load
0
–160
020
FREQUENCY (kHz)
Figure 7. −60 dBFS Output Power into 4 Ω Load
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
0
–160
020
FREQUENCY (kHz)
Figure 8. −60 dBFS Output Power into 6 Ω Load
–20
–40
–60
–80
–100
–120
–140
2
4
6
8
1012141618
Figure 9. −60 dBFS Output Power into 8 Ω Load


Numéro de pièce similaire - AD1994_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1994ACPZ AD-AD1994ACPZ Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1994ACPZ AD-AD1994ACPZ Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1994ACPZRL AD-AD1994ACPZRL Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1994ACPZRL7 AD-AD1994ACPZRL7 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
More results

Description similaire - AD1994_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Toshiba Semiconductor
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
   For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com