Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1855 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD1855
Description  Stereo, 96 kHz, Multibit DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1855 Fiches technique(HTML) 4 Page - Analog Devices

  AD1855_15 Datasheet HTML 1Page - Analog Devices AD1855_15 Datasheet HTML 2Page - Analog Devices AD1855_15 Datasheet HTML 3Page - Analog Devices AD1855_15 Datasheet HTML 4Page - Analog Devices AD1855_15 Datasheet HTML 5Page - Analog Devices AD1855_15 Datasheet HTML 6Page - Analog Devices AD1855_15 Datasheet HTML 7Page - Analog Devices AD1855_15 Datasheet HTML 8Page - Analog Devices AD1855_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD1855
REV. B
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1855 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
Min
Max
Units
DVDD to DGND
–0.3
6
V
AVDD to AGND
–0.3
6
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Outputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
0.3
V
Reference Voltage
(AVDD + 0.3)/2
Soldering
+300
°C
10
sec
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE CHARACTERISTICS
Min
Typ
Max
Units
θJA (Thermal Resistance
[Junction-to-Ambient])
109
°C/W
θ
JC (Thermal Resistance
[Junction-to-Case])
39
°C/W
ORDERING GUIDE
Model
Temperature
Package Description
Package Options
AD1855JRS
0
°C to +70°C
28-Lead Shrink Small Outline
RS-28
AD1855JRSRL
0
°C to +70°C
28-Lead Shrink Small Outline
RS-28 on 13
″ Reels
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD1855
FILTR
OUTR–
OUTR+
AGND
96/
48
DEEMP
ZEROR
DGND
MCLK
CLATCH
CCLK
X2MCLK
384/
256
CDATA
AGND
OUTL–
OUTL+
AVDD
FILTB
IDPM1
IDPM0
DVDD
SDATA
BCLK
L/
RCLK
ZEROL
MUTE
PD/RST


Numéro de pièce similaire - AD1855_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1855JRS AD-AD1855JRS Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1855JRSRL AD-AD1855JRSRL Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results

Description similaire - AD1855_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com