Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1843 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD1843
Description  Serial-Port 16-Bit SoundComm Codec
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1843 Fiches technique(HTML) 3 Page - Analog Devices

  AD1843_15 Datasheet HTML 1Page - Analog Devices AD1843_15 Datasheet HTML 2Page - Analog Devices AD1843_15 Datasheet HTML 3Page - Analog Devices AD1843_15 Datasheet HTML 4Page - Analog Devices AD1843_15 Datasheet HTML 5Page - Analog Devices AD1843_15 Datasheet HTML 6Page - Analog Devices AD1843_15 Datasheet HTML 7Page - Analog Devices AD1843_15 Datasheet HTML 8Page - Analog Devices AD1843_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
AD1843
REV. 0
–3–
DIGITAL DECIMATION AND INTERPOLATION FILTERS–AUDIO MODE*
Min
Max
Units
Passband
0
0.40
× F
S
Hz
Passband Ripple
0
–0.016
dB
Transition Band
0.4
× F
S
0.6
× F
S
Hz
Stopband1
0.6
× F
S
Hz
Stopband Rejection
91.8
dB
Group Delay
15/FS
s
Group Delay Variation Over Passband
0.0
µs
DIGITAL DECIMATION AND INTERPOLATION FILTERS–MODEM MODE*
Min
Max
Units
Passband
0
0.442
× F
S
Hz
Passband Ripple
0
–0.220
dB
Transition Band
0.442
× F
S
0.542
× F
S
Hz
Stopband2
0.542
× F
S
Hz
Stopband Rejection
75.7
dB
Group Delay
19/FS
s
Group Delay Variation Over Passband
0.0
µs
Sample Rate
24
kHz
DIGITAL DECIMATION AND INTERPOLATION FILTERS–RESAMPLER MODE*
Min
Max
Units
Passband
0
0.4
× F
S
Hz
Passband Ripple
0
–0.035
dB
Transition Band
0.4
× F
S
0.5
× F
S
Hz
Stopband3
0.5
× F
S
Hz
Stopband Rejection
92.2
dB
Group Delay
25/FS
s
Group Delay Variation Over Passband
0.0
µs
ANALOG-TO-DIGITAL CONVERTERS
Min
Typ
Max
Units
Audio Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale,
A-Weighted, ADRFLT & ADLFLT = 0)
80
85
dB
Modem Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale,
300 Hz to 4 kHz Analog Output Passband, LINRSD & LINLSD = 1,
ADRFLT & ADLFLT = 1, FS = 12.8 kHz)
87
90
dB
Audio THD+N (Referenced to Full Scale)
0.03
%
–74
–70
dB
Modem THD+N (–3.0 dB Referenced to Full Scale,
300 Hz to 4 kHz Analog Output Passband, LINRSD & LINLSD = 1,
ADRFLT & ADLFLT = 1, FS = 12.8 kHz)
0.02
%
–78.5
–74
dB
Audio Signal-to-Intermodulation Distortion* (CCIF Method)
–94
–80
dB
ADC Crosstalk*
LIN Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–80
dB
Line to MIC (Input LIN, Ground and Select MIC, Read Both Channels)
–80
dB
Line to AUX1, AUX2, AUX3, MIN
–80
dB
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
10
50
mV


Numéro de pièce similaire - AD1843_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1843JS AD-AD1843JS Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843JST AD-AD1843JST Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results

Description similaire - AD1843_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com