Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1836A Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD1836A
Description  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1836A Fiches technique(HTML) 2 Page - Analog Devices

  AD1836A_15 Datasheet HTML 1Page - Analog Devices AD1836A_15 Datasheet HTML 2Page - Analog Devices AD1836A_15 Datasheet HTML 3Page - Analog Devices AD1836A_15 Datasheet HTML 4Page - Analog Devices AD1836A_15 Datasheet HTML 5Page - Analog Devices AD1836A_15 Datasheet HTML 6Page - Analog Devices AD1836A_15 Datasheet HTML 7Page - Analog Devices AD1836A_15 Datasheet HTML 8Page - Analog Devices AD1836A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD1836A
Data Sheet
Rev. A | Page 2 of 24
TABLE OF CONTENTS
AD1836A—Specifications............................................................... 3
Absolute Maximum Ratings............................................................ 8
Pin Configuration And Pin Functional Descriptions.................. 9
Functional Overview...................................................................... 11
ADCs............................................................................................ 11
DACs ............................................................................................ 11
Clock Signals............................................................................... 11
Reset and Power-Down ............................................................. 12
Serial Control Port ..................................................................... 12
Power Supply and Voltage Reference....................................... 13
Serial Data Ports—Data Format............................................... 13
SPI Control Registers................................................................. 19
Outline Dimensions....................................................................... 23
ESD Caution...................................................................................8
Ordering Guide .......................................................................... 23
REVISION HISTORY
1/12—Rev. 0 to Rev. A
Updated Outline Dimensions....................................................... 23
Changes to Ordering Guide .......................................................... 23
8/03—Revision 0: Initial Version


Numéro de pièce similaire - AD1836A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1836AAS AD-AD1836AAS Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836AASRL AD-AD1836AASRL Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZRL AD-AD1836AASZRL Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836ACS AD-AD1836ACS Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
More results

Description similaire - AD1836A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com