Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1819B Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD1819B
Description  AC97 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1819B Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD1819B_15 Datasheet HTML 4Page - Analog Devices AD1819B_15 Datasheet HTML 5Page - Analog Devices AD1819B_15 Datasheet HTML 6Page - Analog Devices AD1819B_15 Datasheet HTML 7Page - Analog Devices AD1819B_15 Datasheet HTML 8Page - Analog Devices AD1819B_15 Datasheet HTML 9Page - Analog Devices AD1819B_15 Datasheet HTML 10Page - Analog Devices AD1819B_15 Datasheet HTML 11Page - Analog Devices AD1819B_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD1819B
–8–
REV. 0
PIN CONFIGURATION
48-Terminal LQFP
(ST-48)
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
LINE_OUT_R
LINE_OUT_L
CX3D
RX3D
FILT_L
FILT_R
AFILT2
DVDD1
XTL_IN
XTL_OUT
SDATA_OUT
BIT_CLK
SDATA_IN
SYNC
RESET
PC_BEEP
NC = NO CONNECT
AFILT1
AD1819B
DVSS1
DVSS2
DVDD2
VREFOUT
VREF
AVSS1
AVDD1
PIN FUNCTION DESCRIPTIONS
Digital I/O
Pin Name
LQFP
I/O
Description
XTL_IN
2
I
24.576 MHz Crystal or Clock Input
XTL_OUT
3
O
24.576 MHz Crystal Output
SDATA_OUT
5
I
Serial Data Output. Serial, Time Division Multiplexed, AD1819B Input Stream
BIT_CLK
6
O/I*
Bit Clock Input, 12.288 MHz Serial Data Clock. Daisy Chain Output Clock
SDATA_IN
8
O
Serial Data Input. Serial, Time Division Multiplexed, AD1819B Output Stream
SYNC
10
I
48 kHz Fixed Rate Sample Sync Clock
RESET
11
I
Reset. AC-Link Master Hardware Reset
*Input if the AD1819B is configured as Slave 1 or Slave 2.
Daisy Chain Connections
Pin Name
LQFP
I/O
Description
CS0
45
I
Daisy Chain Codec Select
CS1
46
I
Daisy Chain Codec Select
CHAIN_IN
47
I
Daisy Chain Data Input
CHAIN_CLK
48
I/O*
24.576 MHz Buffered Clock Input/Output
*Output when configured as Master. Input when configured as Slave 1 or Slave 2.


Numéro de pièce similaire - AD1819B_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1819BJST AD-AD1819BJST Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
More results

Description similaire - AD1819B_15

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Wolfson Microelectronic...
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com