Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1377 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD1377
Description  Complete, High Speed 16-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1377 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD1377_15 Datasheet HTML 4Page - Analog Devices AD1377_15 Datasheet HTML 5Page - Analog Devices AD1377_15 Datasheet HTML 6Page - Analog Devices AD1377_15 Datasheet HTML 7Page - Analog Devices AD1377_15 Datasheet HTML 8Page - Analog Devices AD1377_15 Datasheet HTML 9Page - Analog Devices AD1377_15 Datasheet HTML 10Page - Analog Devices AD1377_15 Datasheet HTML 11Page - Analog Devices AD1377_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1376/AD1377
Rev. D | Page 9 of 12
Table 5. Transition Values vs. Calibration Codes
Output Code
MSB
LSB1
Range
±10 V
±5 V
±2.5 V
0 V to +10 V
0 V to +5 V
000 ………0002
+Full Scale
+10 V
+5 V
+2.5 V
+10 V
+5 V
−3/2 LSB
−3/2 LSB
−3/2 LSB
−3/2 LSB
−3/2 LSB
011………111
Midscale
0 V
0 V
0 V
+5 V
+2.5 V
–1/2 LSB
–1/2 LSB
–1/2 LSB
–1/2 LSB
–1/2 LSB
111………110
−Full Scale
−10 V
−5 V
−2.5 V
0 V
0 V
+1/2 LSB
+1/2 LSB
+1/2 LSB
+1/2 LSB
+1/2 LSB
1 For LSB value for range and resolution used, see Ta
.
ble 6
Table 6. Input Voltage Range and LSB Values
2 Voltages given are the nominal value for transition to the code specified.
Analog Input Voltage Range
±10 V
±5 V
±2.5 V
0 V to +10 V
0 V to +5 V
Code Designation
COB1 or CTC2
COB1 or CTC2
COB1 or CTC2
CSB3
CSB3
One Least Significant Bit (LSB)
n
2
FSR
n
2
V
20
n
2
V
10
n
2
V
5
n
2
V
10
n
2
V
5
n = 8
78.13 mV
39.06 mV
19.53 mV
39.06 mV
19.53 mV
n = 10
19.53 mV
9.77 mV
4.88 mV
9.77 mV
4.88 mV
n = 12
4.88 mV
2.44 mV
1.22 mV
2.44 mV
1.22 mV
n = 13
2.44 mV
1.22 mV
0.61 mV
1.22 mV
0.61 mV
n = 14
1.22 mV
0.61 mV
0.31 mV
0.61 mV
0.31 mV
n = 15
0.61 mV
0.31 mV
0.15 mV
0.31 mV
0.15 mV
1 COB = complementary offset binary.
2 CTC = complementary twos complement—achieved by using an inverter to complement the most significant bit to produce MSB.
3 CSB = complementary straight binary
Zero- and full-scale calibration can be accomplished to a
precision of approximately ±1/2 LSB using the static adjustment
procedure described previously. By summing a small sine or
triangular wave voltage with the signal applied to the analog
input, the output can be cycled through each of the calibration
codes of interest to more accurately determine the center (or
end points) of each discrete quantization level. A detailed
description of this dynamic calibration technique is presented
in Analog-Digital Conversion Handbook, edited by D. H.
Sheingold, Prentice Hall, Inc., 1986.
GROUNDING, DECOUPLING, AND LAYOUT
CONSIDERATIONS
Many data acquisition components have two or more ground
pins that are not connected together within the device. These
grounds are usually referred to as DIGITAL COMMON (logic
power return), ANALOG COMMON (analog power return), or
analog signal ground. These grounds (Pin 19 and Pin 22) must
be tied together at one point as close as possible to the
converter. Ideally, a single solid analog ground plane under the
converter would be desirable. Current flows through the wires
and etch stripes of the circuit cards, and since these paths have
resistance and inductance, hundreds of millivolts can be
generated between the system analog ground point and the
ground pins of the ADC. Separate wide conductor stripe
ground returns should be provided for high resolution
converters to minimize noise and IR losses from the current
flow in the path from the converter to the system ground point.
In this way, ADC supply currents and other digital logic-gate
return currents are not summed into the same return path as
analog signals where they would cause measurement errors.
Each of the ADC supply terminals should be capacitively
decoupled as close to the ADC as possible. A large value (such
as 1 µF) capacitor in parallel with a 0.1 µF capacitor is usually
sufficient. Analog supplies are to be bypassed to the ANALOG
COMMON (analog power return) Pin 22 and the logic supply is
bypassed to DIGITAL COMMON (logic power return) Pin 19.
The metal cover is internally grounded with respect to the
power supplies, grounds, and electrical signals. Do not
externally ground the cover.
CLOCK RATE CONTROL
The AD1376/AD1377 can be operated at faster conversion
times by connecting the clock rate control (Pin 23) to an
external multiturn trim potentiometer (TCR <100 ppm/°C) as
shown in Figure 13.
AD1376/AD1377
23
2.25MHz @ 5V
1750kHz @ DGND
15V DC
5k
Figure 13. Clock Rate Control Circuit


Numéro de pièce similaire - AD1377_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1377JD AD-AD1377JD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1377JD AD-AD1377JD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1377KD AD-AD1377KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1377KD AD-AD1377KD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
More results

Description similaire - AD1377_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1376 AD-AD1376 Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1376 AD-AD1376_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com