Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD844 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD844
Description  60 MHz 2000 V/s Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD844 Fiches technique(HTML) 5 Page - Analog Devices

  AD844_15 Datasheet HTML 1Page - Analog Devices AD844_15 Datasheet HTML 2Page - Analog Devices AD844_15 Datasheet HTML 3Page - Analog Devices AD844_15 Datasheet HTML 4Page - Analog Devices AD844_15 Datasheet HTML 5Page - Analog Devices AD844_15 Datasheet HTML 6Page - Analog Devices AD844_15 Datasheet HTML 7Page - Analog Devices AD844_15 Datasheet HTML 8Page - Analog Devices AD844_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD844
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage
±18 V
Power Dissipation1
1.1 W
Output Short-Circuit Duration
Indefinite
Input Common-Mode Voltage
±VS
Differential Input Voltage
6 V
Inverting Input Current
Continuous
5 mA
Transient
10 mA
Storage Temperature Range (Q)
−65
°C to +150°C
Storage Temperature Range (N, RW)
−65
°C to +125°C
Lead Temperature (Soldering, 60 sec)
300
°C
ESD Rating
1000 V
1 28-lead PDIP package: θJA = 90°C/W.
8-lead CERDIP package: θJA = 110°C/W.
16-lead SOIC package: θJA = 100°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
METALLIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (millimeters).
–IN
NULL
NULL
+VS
0.076
(1.9)
+IN
–VS
SUBSTRATE CONNECTED TO +VS
TZ
OUTPUT
0.095
(2.4)
Figure 3. Die Photograph
ESD CAUTION


Numéro de pièce similaire - AD844_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD844ACHIPS AD-AD844ACHIPS Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ACHIPS AD-AD844ACHIPS Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844ACHIPS AD-AD844ACHIPS Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844AN AD-AD844AN Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AN AD-AD844AN Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

Description similaire - AD844_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
Texas Instruments
TLV9051_1906 TI1-TLV9051_1906 Datasheet
4Mb / 70P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051_1904 TI1-TLV9051_1904 Datasheet
3Mb / 63P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Microchip Technology
MCP660 MICROCHIP-MCP660 Datasheet
2Mb / 68P
   60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
03/25/14
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Linear Technology
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
   50MHz, 800V/s Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com