Moteur de recherche de fiches techniques de composants électroniques |
|
AD783 Fiches technique(PDF) 6 Page - Analog Devices |
|
AD783 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 9 page AD783 –6– DYNAMIC PERFORMANCE The AD783 is compatible with 12-bit A-to-D converters in terms of both accuracy and speed. The fast acquisition time, fast hold settling time and good output drive capability allow the AD783 to be used with high speed, high resolution A-to-D converters like the AD671 and AD7586. The AD783’s fast acquisition time provides high throughput rates for multichannel data acquisition systems. Typically, the AD783 can acquire a 5 V step in less than 250 ns. Figure 1 shows the settling accuracy as a function of acquisition time. 0.08 0.06 0.04 0.02 0 0 250 500 ACQUISITION TIME – ns Figure 1. VOUT Settling vs. Acquisition Time The hold settling determines the required time, after the hold command is given, for the output to settle to its final specified accuracy. The typical settling behavior of the AD783 is 150 ns. The settling time of the AD783 is sufficiently fast to allow the SHA, in most cases, to directly drive an A-to-D converter without the need for an added “start convert” delay. HOLD MODE OFFSET The dc accuracy of the AD783 is determined primarily by the hold mode offset. The hold mode offset refers to the difference between the final held output voltage and the input signal at the time the hold command is given. The hold mode offset arises from a voltage error introduced onto the hold capacitor by charge injection of the internal switches. The nominal hold mode offset is specified for a 0 V input condition. Over the in- put range of –2.5 V to +2.5 V, the AD783 is also characterized for an effective gain error and nonlinearity of the held value, as shown in Figure 2. As indicated by the AD783 specifications, the hold mode offset is very stable over temperature. NONLINEARITY GAIN ERROR V , VOLTS IN –2.5 +2.5 +1 HOLD MODE OFFSET –1 (VOUT HOLD – VIN), mV Figure 2. Hold Mode Offset, Gain Error and Nonlinearity For applications where it is important to obtain zero offset, the hold mode offset may be nulled externally at the input to the A-to-D converter. Adjustment of the offset may be accom- plished through the A-to-D itself or by an external amplifier with offset nulling capability (e.g., AD711). The offset will change less than 0.5 mV over the specified temperature range. SUPPLY DECOUPLING AND GROUNDING CONSIDERATIONS As with any high speed, high resolution data acquisition system, the power supplies should be well regulated and free from excessive high frequency noise (ripple). The supply connection to the AD783 should also be capable of delivering transient currents to the device. To achieve the specified accuracy and dynamic performance, decoupling capacitors must be placed directly at both the positive and negative supply pins to com- mon. Ceramic type 0.1 µF capacitors should be connected from VCC and VEE to common. ANALOG P.S. DIGITAL P.S. +5V C –5V C +5V 0.1 µF 0.1µF1µF1µF1µF AD783 DIGITAL DATA OUTPUT SIGNAL GROUND INPUT ANALOG-TO-DIGITAL CONVERTER Figure 3. Basic Grounding and Decoupling Diagram REV. B |
Numéro de pièce similaire - AD783_15 |
|
Description similaire - AD783_15 |