Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD781 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD781
Description  Complete 700 ns Sample and Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD781 Fiches technique(HTML) 3 Page - Analog Devices

  AD781_15 Datasheet HTML 1Page - Analog Devices AD781_15 Datasheet HTML 2Page - Analog Devices AD781_15 Datasheet HTML 3Page - Analog Devices AD781_15 Datasheet HTML 4Page - Analog Devices AD781_15 Datasheet HTML 5Page - Analog Devices AD781_15 Datasheet HTML 6Page - Analog Devices AD781_15 Datasheet HTML 7Page - Analog Devices AD781_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS*
With
Spec
Respect to
Min
Max
Unit
VCC
Common
–0.3
+15
V
VEE
Common
–15
+0.3
V
Control Input
Common
–0.5
+7
V
Analog Input
Common
–12
+12
V
Output Short Circuit to
Ground, VCC, or VEE
Indefinite
Maximum Junction
Temperature
+175
°C
Storage
–65
+150
°C
Lead Temperature
(10 sec max)
+300
°C
Power Dissipation
195
mW
*Stresses above those listed under “Absolute Maximum Ratings” may cause per-
manent damage to the device. This is a stress rating only and functional opera-
tion of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied.
HOLD MODE AC SPECIFICATIONS
AD781J
AD781A
AD781S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
TOTAL HARMONIC DISTORTION
FIN = 10 kHz
–90
–80
–90
–80
–90
–80
dB
FIN = 50 kHz
–73
–73
–73
dB
FIN = 100 kHz
–68
–68
–68
dB
SIGNAL-TO-NOISE AND DISTORTION
FIN = 10 kHz
72
78
72
78
72
78
dB
FIN = 50 kHz
73
73
73
dB
FIN = 100 kHz
67
67
67
dB
INTERMODULATION DISTORTION
FIN1 = 49 kHz, FIN2 = 50 kHz
2nd Order Products
–77
–77
–77
dB
3rd Order Products
–78
–78
–78
dB
NOTE
1F
IN amplitude = 0 dB and FSAMPLE = 500 kHz unless otherwise indicated.
Specifications shown in boldface are tested on all devices at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max
specifications are guaranteed although only those shown in boldface are tested.
Specifications subject to change without notice.
(TMIN to TMAX, VCC = +12 V
10%, VEE = –12 V
10%, CL = 20 pF,
unless otherwise noted)1
AD781
REV. A
–3–
PIN CONFIGURATION
1
2
3
45
6
7
8
AD781
TOP VIEW
(Not to Scale)
VCC
IN
COMMON
NC
OUT
S/H
NC
VEE
ORDERING GUIDE
Temperature
Package
Model
1
Range
Description
Options
2
AD781JN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD781AN –40
°C to +85°C
8-Pin Plastic DIP
N-8
AD781SQ
–55
°C to +125°C 8-Pin Cerdip
Q-8
NOTES
1For details on grade and package offerings screened in accordance with
MIL-STD-883, refer to the Analog Devices Military Products Databook or
current AD781/883B data sheet.
2N = Plastic DIP; Q = Cerdip.
CAUTION
ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected;
however, permanent damage may occur on unconnected devices subject to high energy electro-
static fields. Unused devices must be stored in conductive foam or shunts.
WARNING!
ESD SENSITIVE DEVICE


Numéro de pièce similaire - AD781_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810 AD-AD7810 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7810YN AD-AD7810YN Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YN AD-AD7810YN Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
More results

Description similaire - AD781_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
   Complete 700 ns Sample-and-hold amplifier
REV. A
AD781 AD-AD781 Datasheet
153Kb / 8P
   Complete 700 ns Sample-and-Hold Amplifier
REV. A
logo
National Semiconductor ...
LF6197 NSC-LF6197 Datasheet
214Kb / 12P
   160 ns Monolithic Sample-and-Hold Amplifier
logo
Analog Devices
AD783 AD-AD783 Datasheet
131Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
   Complete Very High Speed Sample and Hold Amplifier
REV. B
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8