Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSM0418D470M Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce CSM0418D470M
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSM0418D470M Fiches technique(HTML) 1 Page - Frontier Electronics.

  CSM0418D470M Datasheet HTML 1Page - Frontier Electronics. CSM0418D470M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSM0418D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications
P/N
Marking
Inductance
@100KHz
(μH)
Inductance
Tolerance
DCR ±20%
(Ω)
Rated Current (mA)
SRF Min.
(MHz)
I sat
I rms
CSM0418D-1R0N
A
1.0
± 30%
0.027
4000
3200
90
CSM0418D-2R2M
C
2.2
± 20%
0.042
3000
2200
60
CSM0418D-3R3M
E
3.3
± 20%
0.055
2300
2000
45
CSM0418D-4R7M
H
4.7
± 20%
0.070
2000
1700
35
CSM0418D-6R8M
I
6.8
± 20%
0.098
1600
1450
30
CSM0418D-100M
K
10
± 20%
0.150
1300
1200
25
CSM0418D-150M
M
15
± 20%
0.210
1100
850
18
CSM0418D-220M
N
22
± 20%
0.290
900
720
15
CSM0418D-330M
P
33
± 20%
0.460
700
550
12
CSM0418D-470M
R
47
± 20%
0.65
570
420
10
CSM0418D-680M
S
68
± 20%
1.00
470
320
8.3
CSM0418D-101M
U
100
± 20%
1.50
400
270
6.5
CSM0418D-151M
W
150
± 20%
2.50
310
220
5.5
CSM0418D-221M
Y
220
± 20%
4.00
270
170
4.0
B. Dimensions mm (Inch)
Series
a
b
c
d
e
f
g
h
i
CSM0418D
4.0(0.157)
4.0(0.157)
1.8(0.071)
1.1(0.106)
1.1(0.106)
2.5(0.098)
3.7(0.146)
2.8(0.110)
1.2(0.047)
Tol.
±0.2(0.008) ±0.2(0.008)
Max.
±0.2(0.008) ±0.2(0.008) ±0.2(0.008)
Typ.
Typ.
Typ.
C. General Information:
1. CSM0418D-xxx_, “CSM0418D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”:M: ± 20%, N: ± 30%
3. Magnetically shielded
4. High saturation current
5. I sat: based on inductance decrease 30% (at 20 ºC ambient).
6. I rms: based on temperature increase 40ºC (at 20 ºC ambient).
7. Storage temperature: -40ºC to +85ºC.
8. Operating temperature range: 25ºC to +125ºC (Including self-heating).
9. Inductance measured: HP4285A and Chroma1320 & 3302
10. DCR measured: CHROMA 16502 or equivalent.
11. Inductance and Current range: From 1.0 µH (3200mA) to 220 µH (170mA).
12. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Numéro de pièce similaire - CSM0418D470M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSM0418D-100M FRONTIER-CSM0418D-100M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0418D-101M FRONTIER-CSM0418D-101M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0418D-150M FRONTIER-CSM0418D-150M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0418D-151M FRONTIER-CSM0418D-151M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results

Description similaire - CSM0418D470M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0412D FRONTIER-CSMS0412D Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com