Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD707 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD707
Description  Ultralow Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD707 Fiches technique(HTML) 3 Page - Analog Devices

  AD707_15 Datasheet HTML 1Page - Analog Devices AD707_15 Datasheet HTML 2Page - Analog Devices AD707_15 Datasheet HTML 3Page - Analog Devices AD707_15 Datasheet HTML 4Page - Analog Devices AD707_15 Datasheet HTML 5Page - Analog Devices AD707_15 Datasheet HTML 6Page - Analog Devices AD707_15 Datasheet HTML 7Page - Analog Devices AD707_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD707
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
28-pin plastic package:
θ
JA = 165°C/Watt; 8-pin cerdip package: θJA = 110 °C/Watt;
8-pin small outline package:
θ
JA = 155 °C/Watt; 8-pin header package: θJA =
200
°C/Watt.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD707AH
–40
°C to +85°C
8-Pin Metal Can
H-08A
AD707AQ
–40
°C to +85°C
8-Pin Ceramic DIP
Q-8
AD707AR
–40
°C to +85°C
8-Pin Plastic SOIC
SO-8
AD707AR-REEL
–40
°C to +85°C
8-Pin Plastic SOIC
SO-8
AD707AR-REEL7
–40
°C to +85°C
8-Pin Plastic SOIC
SO-8
AD707BQ
–40
°C to +85°C
8-Pin Ceramic DIP
Q-8
AD707JN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD707JR
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707JR-REEL
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707JR-REEL7
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707KN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD707KR
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707KR-REEL
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
AD707KR-REEL7
0
°C to +70°C
8-Pin Plastic SOIC
SO-8
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
0.059
(1.51)
NULL
8
+VS
7
6
VOUT
4
–VS
3
+IN
2
–IN
1
NULL
0.110 (2.79)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD707 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Numéro de pièce similaire - AD707_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD707AH AD-AD707AH Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AH AD-AD707AH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AQ AD-AD707AQ Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AQ AD-AD707AQ Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AR AD-AD707AR Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results

Description similaire - AD707_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com