Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD637 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD637
Description  High Precision, Wideband RMS-to-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD637 Fiches technique(HTML) 5 Page - Analog Devices

  AD637_15 Datasheet HTML 1Page - Analog Devices AD637_15 Datasheet HTML 2Page - Analog Devices AD637_15 Datasheet HTML 3Page - Analog Devices AD637_15 Datasheet HTML 4Page - Analog Devices AD637_15 Datasheet HTML 5Page - Analog Devices AD637_15 Datasheet HTML 6Page - Analog Devices AD637_15 Datasheet HTML 7Page - Analog Devices AD637_15 Datasheet HTML 8Page - Analog Devices AD637_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD637
Rev. K | Page 4 of 20
AD637J/AD637A
AD637K/AD637B
AD637S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Offset Voltage
±1
±0.5
±1
mV
vs. Temperature
±0.05
±0.089
±0.04
±0.056
±0.04
±0.07
mV/°C
Voltage Swing,
±15 V Supply, 2 kΩ Load
0 to 12.0
13.5
0 to 12.0
13.5
0 to 12.0
13.5
V
Voltage Swing,
±3 V Supply, 2 kΩ Load
0 to 2
2.2
0 to 2
2.2
0 to 2
2.2
V
Output Current
6
6
6
mA
Short-Circuit Current
20
20
20
mA
Resistance
Chip Select High
0.5
0.5
0.5
Ω
Resistance
Chip Select Low
100
100
100
dB OUTPUT
Error, VIN 7 mV to 7 V rms,
0 dB = 1 V rms
±0.5
±0.3
±0.5
dB
Scale Factor
−3
−3
−3
mV/dB
Scale Factor Temperature
Coefficient
+0.33
+0.33
+0.33
% of
reading/°C
−0.033
−0.033
−0.033
dB/°C
IREF for 0 dB = 1 V rms
5
20
80
5
20
80
5
20
80
μA
IREF Range
1
100
1
100
1
100
μA
BUFFER AMPLIFIER
Input Output
Voltage Range
−VS to (+VS − 2.5 V)
−VS to (+VS − 2.5 V)
−VS to (+VS − 2.5 V)
V
Input Offset Voltage
±0.8
±2
±0.5
±1
±0.8
±2
mV
Input Current
±2
±10
±2
±5
±2
±10
nA
Input Resistance
108
108
108
Ω
Output Current
−0.13
+5
−0.13
+5
−0.13
+5
mA
Short-Circuit Current
20
20
20
mA
Small Signal Bandwidth
1
1
1
MHz
Slew Rate6
5
5
5
V/μs
DENOMINATOR INPUT
Input Range
0 to 10
0 to 10
0 to 10
V
Input Resistance
20
25
30
20
25
30
20
25
30
Offset Voltage
±0.2
±0.5
±0.2
±0.5
±0.2
±0.5
mV
CHIP SELECT (CS)
RMS On Level
Open or 2.4 V < VC < +VS
Open or 2.4 V < VC < +VS
Open or 2.4 V < VC < +VS
RMS Off Level
VC < 0.2 V
VC < 0.2 V
VC < 0.2 V
IOUT of Chip Select
CS Low
10
10
10
μA
CS High
0
0
0
μA
On Time Constant
10 + ((25 kΩ) × CAV)
10 + ((25 kΩ) × CAV)
10 + ((25 kΩ) × CAV)
μs
Off Time Constant
10 + ((25 kΩ) × CAV)
10 + ((25 kΩ) × CAV)
10 + ((25 kΩ) × CAV)
μs
POWER SUPPLY
Operating Voltage Range
±3.0
±18
±3.0
±18
±3.0
±18
V
Quiescent Current
2.2
3
2.2
3
2.2
3
mA
Standby Current
350
450
350
450
350
450
μA
1 Specifications shown in bold are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
All minimum and maximum specifications are guaranteed, although only those shown in boldface are tested on all production units.
2 Accuracy specified 0 V rms to 7 V rms dc with AD637 connected, as shown in
.
Figure 5
3 Nonlinearity is defined as the maximum deviation from the straight line connecting the readings at 10 mV and 2 V.
4 Error vs. crest factor is specified as additional error for 1 V rms.
5 Input voltages are expressed in volts rms. Percent is in % of reading.
6 With external 2 kΩ pull-down resistor tied to −VS.


Numéro de pièce similaire - AD637_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD637-EVALZ AD-AD637-EVALZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637A AD-AD637A Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
AD637AQ AD-AD637AQ Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
AD637AQ AD-AD637AQ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637AR AD-AD637AR Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
More results

Description similaire - AD637_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD637JRZ AD-AD637JRZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
   Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
   Precision Micropower, SIGMA RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com