Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD636 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD636
Description  Low Level, True RMS-to-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD636 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD636_15 Datasheet HTML 2Page - Analog Devices AD636_15 Datasheet HTML 3Page - Analog Devices AD636_15 Datasheet HTML 4Page - Analog Devices AD636_15 Datasheet HTML 5Page - Analog Devices AD636_15 Datasheet HTML 6Page - Analog Devices AD636_15 Datasheet HTML 7Page - Analog Devices AD636_15 Datasheet HTML 8Page - Analog Devices AD636_15 Datasheet HTML 9Page - Analog Devices AD636_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
AD636
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage
Dual Supply
±16.5 V
Single Supply
24 V
Internal Power Dissipation1
500 mW
Maximum Input Voltage
±12 VPEAK
Storage Temperature Range
−55°C to +150°C
Operating Temperature Range
0°C to 70°C
Lead Temperature Range (Soldering 60 sec)
300°C
ESD Rating
1000 V
1
10-Lead TO: θJA = 150°C/W.
14-Lead PDIP: θJA = 95°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD636_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
More results

Description similaire - AD636_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com