Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD605 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD605
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD605 Fiches technique(HTML) 5 Page - Analog Devices

  AD605_15 Datasheet HTML 1Page - Analog Devices AD605_15 Datasheet HTML 2Page - Analog Devices AD605_15 Datasheet HTML 3Page - Analog Devices AD605_15 Datasheet HTML 4Page - Analog Devices AD605_15 Datasheet HTML 5Page - Analog Devices AD605_15 Datasheet HTML 6Page - Analog Devices AD605_15 Datasheet HTML 7Page - Analog Devices AD605_15 Datasheet HTML 8Page - Analog Devices AD605_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD605
Rev. F | Page 4 of 24
AD605A
AD605B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN CONTROL INTERFACE
Gain Scaling Factor
VREF = 2.5 V, 0.4 V < VGN < 2.4 V
19
20
21
19
20
21
dB/V
VREF = 1.67 V
30
30
dB/V
Gain Range
FBK short to OUT
−14 to +34
−14 to +34
dB
FBK open
0 to 48
0 to 48
dB
Input Voltage (VGN) Range
20 dB/V, VREF = 2.5 V
0.1 to 2.9
0.1 to 2.9
V
Input Bias Current
−0.4
−0.4
μA
Input Resistance
2
2
Response Time
48 dB gain change
0.2
0.2
μs
POWER SUPPLY
Supply Voltage
4.5
5.0
5.5
4.5
5.0
5.5
V
Power Dissipation
90
90
mW
VREF Input Resistance
10
10
Quiescent Supply Current
VPOS
18
23
18
23
mA
Power-Down
VPOS, VGN < 50 mV
1.9
3.0
1.9
3.0
mA
Power-Up Response Time
48 dB gain, VOUT = 2 V p-p
0.6
0.6
μs
Power-Down Response Time
0.4
0.4
μs


Numéro de pièce similaire - AD605_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD605-00 ETC2-AD605-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD605-EB AD-AD605-EB Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605-EB AD-AD605-EB Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605-EB AD-AD605-EB Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605A AD-AD605A Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
More results

Description similaire - AD605_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com