Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD602 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD602
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD602 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD602_15 Datasheet HTML 6Page - Analog Devices AD602_15 Datasheet HTML 7Page - Analog Devices AD602_15 Datasheet HTML 8Page - Analog Devices AD602_15 Datasheet HTML 9Page - Analog Devices AD602_15 Datasheet HTML 10Page - Analog Devices AD602_15 Datasheet HTML 11Page - Analog Devices AD602_15 Datasheet HTML 12Page - Analog Devices AD602_15 Datasheet HTML 13Page - Analog Devices AD602_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD600/AD602
Rev. F | Page 9 of 32
500mV
1V
200ns
10
0%
100
90
Figure 15. Input Stage Overload Recovery Time
10
100
90
0%
1V
200mV
500ns
Figure 16. Output Stage Overload Recovery Time
500mV
1V
500ns
10
0%
10
–15
–40
5
0
–5
–10
–20
–25
–30
–35
FREQUENCY (Hz)
AD600
AD602
1k
10k
100k
1M
10M
100M
AD600: G = 20dB
AD602: G = 10dB
BOTH: VCM = 100mV rms
VS =±5V
RL = 500Ω
TA = 25°C
20
–30
–80
10
0
–10
–20
–40
–50
–60
–70
FREQUENCY (Hz)
Figure 18. CMRR vs. Frequency
AD600
AD602
AD600: G = 40dB
AD602: G = 30dB
BOTH: RL = 500Ω
VIN =0V
RS =50Ω
100k
1M
10M
100M
–30
–80
10
0
–10
–20
–40
–50
–60
–70
Figure 19. PSRR vs. Frequency
100
90
Figure 17. Transient Response Minimum Gain
–90
FREQUENCY (Hz)
100k
1M
10M
100M
AD600: CH1 G = 40dB, VIN = 0
CH2 G = 20dB, VIN = 100mV
AD602: CH1 G = 30dB, VIN = 0
CH2 G = 0dB, VIN = 316mV
BOTH: VOUT = 1V rms1, RS = 50Ω
RL = 500Ω
CROSSTALK = 20log
CH1 VOUT
CH2 VIN
AD600
AD602
Figure 20. Crosstalk Between A1 and A2 vs. Frequency


Numéro de pièce similaire - AD602_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD602A AD-AD602A Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD602AQ AD-AD602AQ Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD602AQ AD-AD602AQ Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD602AR AD-AD602AR Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD602AR AD-AD602AR Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
More results

Description similaire - AD602_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com