Moteur de recherche de fiches techniques de composants électroniques |
|
AD600 Fiches technique(PDF) 5 Page - Analog Devices |
|
AD600 Fiches technique(HTML) 5 Page - Analog Devices |
5 / 33 page AD600/AD602 Rev. F | Page 4 of 32 AD600J/AD602J1 AD600A/AD602A1 Parameter Conditions Min Typ Max Min Typ Max Unit SIGNAL GATING INTERFACE Logic Input Low (Output On) 0.8 0.8 V Logic Input High (Output Off ) 2.4 2.4 V Response Time On to off, off to on 0.3 0.3 μs Input Resistance Pin 4 to Pin 3; Pin 5 to Pin 6 30 30 kΩ Output Gated Off Output Offset Voltage ±10 ±100 ±10 ±400 mV Output Noise Spectral Density 65 65 nV/√Hz Signal Feedthrough @ 1 MHz AD600 −80 −80 dB AD602 −70 −70 dB POWER SUPPLY Specified Operating Range ±4.75 ±5.25 ±4.75 ±5.25 V Quiescent Current Each channel 11 12.5 11 14 mA 1 Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All minimum and maximum specifications are guaranteed, although only those shown in boldface are tested on all production units. 2 Typical open- or short-circuited input; noise is lower when the system is set to maximum gain and the input is short-circuited. This figure includes the effects of both voltage and current noise sources. 3 With an additional 1 kΩ pull-down resistor, if RL < 500 Ω. 4 The dc gain of the main amplifier in the AD600 is ×113; therefore, an input offset of only 100 μV becomes an 11.3 mV output offset. In the AD602, the amplifier gain is ×35.7; therefore, an input offset of 100 μV becomes a 3.57 mV output offset. |
Numéro de pièce similaire - AD600_15 |
|
Description similaire - AD600_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |