Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD548 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD548
Description  Precision, Low Power BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD548 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD548_15 Datasheet HTML 4Page - Analog Devices AD548_15 Datasheet HTML 5Page - Analog Devices AD548_15 Datasheet HTML 6Page - Analog Devices AD548_15 Datasheet HTML 7Page - Analog Devices AD548_15 Datasheet HTML 8Page - Analog Devices AD548_15 Datasheet HTML 9Page - Analog Devices AD548_15 Datasheet HTML 10Page - Analog Devices AD548_15 Datasheet HTML 11Page - Analog Devices AD548_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD548
–8–
REV. D
Figure 2. Board Layout for Guarding Inputs
INPUT PROTECTION
The AD548 is guaranteed to withstand input voltages equal to
the power supply potential. Exceeding the negative supply volt-
age on either input will forward bias the substrate junction of
the chip. The induced current may destroy the amplifier due to
excess heat.
Input protection is required in applications such as a flame
detector in a gas chromatograph, where a very high potential
may be applied to the input terminals during a sensor fault
condition. Figure 3 shows a simple current limiting scheme that
can be used. RPROTECT should be chosen such that the maxi-
mum overload current is 1.0 mA (l00 k
Ω for a 100 V overload,
for example).
Exceeding the negative common-mode range on either input
terminal causes a phase reversal at the output, forcing the
amplifier output to the corresponding high or low state. Exceed-
ing the negative common-mode on both inputs simultaneously
forces the output high. Exceeding the positive common-mode
range on a single input does not cause a phase reversal, but if
both inputs exceed the limit the output will be forced high. In
all cases, normal amplifier operation is resumed when input
voltages are brought back within the common-mode range.
Figure 3. Input Protection of IV Converter
D/A CONVERTER OUTPUT BUFFER
The circuit in Figure 4 shows the AD548 and AD7545 12-bit
CMOS D/A converter in a unipolar binary configuration. VOUT
will be equal to VREF attenuated by a factor depending on the
digital word. VREF sets the full scale. Overall gain is trimmed by
adjusting RIN. The AD548’s low input offset voltage, low drift,
and clean dynamics make it an attractive low power output buffer.
The input offset voltage of the AD548 output amplifier results
in an output error voltage. This error voltage equals the input
offset voltage of the op amp times the noise gain of the amplifier.
Figure 4. AD548 Used as DAC Output Amplifier
That is:
VOS Output
=V
OS Input
1
+
RFB
RO


RFB is the feedback resistor for the op amp, which is internal to
the DAC. RO is the DAC’s R-2R ladder output resistance. The
value of RO is code dependent. This has the effect of changing
the offset error voltage at the amplifier’s output. An output
amplifier with a sub millivolt input offset voltage is needed to
preserve the linearity of the DAC’s transfer function.
The AD548 in this configuration provides a 700 kHz small
signal bandwidth and 1.8 V/
µs typical slew rate. The 33 pF
capacitor across the feedback resistor optimizes the circuit’s
response. The oscilloscope charts in Figures 5 and 6 show small
and large signal outputs of the circuit in Figure 4. Upper traces
show the input signal VIN. Lower traces are the resulting output
voltage with the DAC’s digital input set to all 1s. The AD548
settles to
±0.01% for a 20 V input step in 14 µs.
0%
10
5V
5µS
20V
100
90
Figure 5. Response to
±20 V p-p Reference Square Wave
0%
10
50mV
2µS
200mV
100
90
Figure 6. Response to
±100 mV p-p Reference Square Wave


Numéro de pièce similaire - AD548_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD548A AD-AD548A Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548AH AD-AD548AH Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548AQ AD-AD548AQ Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548B AD-AD548B Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548BH AD-AD548BH Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
More results

Description similaire - AD548_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548 Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548 AD-AD548_02 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD648 AD-AD648 Datasheet
335Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. C
AD648 AD-AD648_15 Datasheet
209Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com