Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD539 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD539
Description  Wideband Dual-Channel Linear Multiplier/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD539 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD539_15 Datasheet HTML 6Page - Analog Devices AD539_15 Datasheet HTML 7Page - Analog Devices AD539_15 Datasheet HTML 8Page - Analog Devices AD539_15 Datasheet HTML 9Page - Analog Devices AD539_15 Datasheet HTML 10Page - Analog Devices AD539_15 Datasheet HTML 11Page - Analog Devices AD539_15 Datasheet HTML 12Page - Analog Devices AD539_15 Datasheet HTML 13Page - Analog Devices AD539_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD539
Rev. B | Page 9 of 20
VOUT
VIN
100
90
10
0%
20ns
2V
500µV
Figure 16. Transient Response of the Voltage-Controlled Amplifier,
VX = +2 V, VY = ±1 V
40
30
20
10
0
–10
–20
50
10k
100k
1M
10M
FREQUENCY (Hz)
VX = +0.01V
VX = +0.032V
VX = +0.1V
VX = +0.316V
VX = +1V
VX = +3.162V
Figure 17. High Frequency Response of Divider in Figure 25


Numéro de pièce similaire - AD539_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5390BCP-3-REEL AD-AD5390BCP-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Description similaire - AD539_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
MPY100 BURR-BROWN-MPY100 Datasheet
159Kb / 12P
   MULTIPLIER-DIVIDER
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Marki Microwave
PD-0426 MARKIMICROWAVE-PD-0426 Datasheet
635Kb / 4P
   WIDEBAND WILKINSON POWER DIVIDER
PD-0440 MARKIMICROWAVE-PD-0440 Datasheet
461Kb / 3P
   WIDEBAND WILKINSON POWER DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com