Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD538 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD538
Description  Real-Time Analog Computational Unit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD538 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD538_15 Datasheet HTML 4Page - Analog Devices AD538_15 Datasheet HTML 5Page - Analog Devices AD538_15 Datasheet HTML 6Page - Analog Devices AD538_15 Datasheet HTML 7Page - Analog Devices AD538_15 Datasheet HTML 8Page - Analog Devices AD538_15 Datasheet HTML 9Page - Analog Devices AD538_15 Datasheet HTML 10Page - Analog Devices AD538_15 Datasheet HTML 11Page - Analog Devices AD538_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD538
Rev. E | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
5
1000
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
OFFSET
% OF READING
Figure 3. Multiplier Error vs. Temperature (100 mV < VX, VY, VZ ≤ 10 V)
5
1000
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
OFFSET
% OF READING
Figure 4. Divider Error vs. Temperature (100 mV < VX, VY, VZ ≤ 10 V)
1000
100
10
1
100
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
VX = 10V
VY = 0V
VZ = 5V +5V SIN ωt VOLTS
Figure 5. VZ Feedthrough vs. Frequency
1M
100k
400k
10k
40k
0.01
0.1
1
10
DENOMINATOR VOLTAGE, VX – V dc
VY = 10V dc
VZ = VX +0.05 VX SIN ωt
Figure 6. Small Signal Bandwidth vs. Denominator Voltage (One-Quadrant
Mult/Div)
5
6
1000
1200
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
% OF READING
OFFSET
Figure 7. Multiplier Error vs. Temperature (10 mV < VX, VY, VZ ≤ 100 mV)
5
1000
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
% OF READING
OFFSET
Figure 8. Divider Error vs. Temperature (10 mV < VX, VY, VZ ≤ 100 mV)


Numéro de pièce similaire - AD538_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
More results

Description similaire - AD538_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
   Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538 Datasheet
167Kb / 11P
   Real-Time Analog Computational Unit ACU
REV. C
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com