Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2300DS Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI2300DS
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2300DS Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI2300DS Datasheet HTML 1Page - Vishay Siliconix SI2300DS Datasheet HTML 2Page - Vishay Siliconix SI2300DS Datasheet HTML 3Page - Vishay Siliconix SI2300DS Datasheet HTML 4Page - Vishay Siliconix SI2300DS Datasheet HTML 5Page - Vishay Siliconix SI2300DS Datasheet HTML 6Page - Vishay Siliconix SI2300DS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 65701
S10-0111-Rev. A, 18-Jan-10
www.vishay.com
5
Vishay Siliconix
Si2300DS
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
1
2
3
4
5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
Power Derating
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
TC - Case Temperature (°C)


Numéro de pièce similaire - SI2300DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2300DS VISHAY-SI2300DS Datasheet
125Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 18-Jan-10
logo
Vishay Telefunken
SI2300DS TFUNK-SI2300DS Datasheet
240Kb / 10P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2300DS VISHAY-SI2300DS Datasheet
206Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
Shanghai Leiditech Elec...
SI2300DS LEIDITECH-SI2300DS Datasheet
2Mb / 5P
   30V N-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
VBsemi Electronics Co.,...
SI2300DS-T1-GE3 VBSEMI-SI2300DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Description similaire - SI2300DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com