Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD9409_F085 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDD9409_F085
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD9409_F085 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDD9409_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDD9409_F085 Rev. C4
www.fairchildsemi.com
5
Figure 11.
24
68
10
0
10
20
30
40
50
ID = 80A
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 175oC
RDSON vs. Gate Voltage
Figure 12. Normalized RDSON vs. Junction
Temperature
-80
-40
0
40
80
120
160
200
0.6
0.8
1.0
1.2
1.4
1.6
1.8
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 80A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)
Figure 13.
-80
-40
0
40
80
120
160
200
0.4
0.6
0.8
1.0
1.2
VGS = VDS
ID = 250μA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs.
Temperature
Figure 14.
-80
-40
0
40
80
120
160
200
0.90
0.95
1.00
1.05
1.10
ID = 1mA
TJ, JUNCTION TEMPERATURE (oC)
Normalized Drain--Source Breakdown
Voltage vs. Junction Temperature
Figure 15.
0.1
1
10
100
10
100
1000
10000
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs. Drain--Source Voltage
Figure 16.
0
10
20304050
0
2
4
6
8
10
VDD = 20V
VDD = 16V
ID = 80A
VDD = 24V
Qg, GATE CHARGE(nC)
Gate Charge vs. Gate--Source Voltage
Typical Characteristics


Numéro de pièce similaire - FDD9409_F085

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD9409L ONSEMI-FDD9409L Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Inchange Semiconductor ...
FDD9409L ISC-FDD9409L Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
More results

Description similaire - FDD9409_F085

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com