Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD1600N10ALZD Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FDD1600N10ALZD
Description  BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD1600N10ALZD Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FDD1600N10ALZD Datasheet HTML 2Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 3Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 4Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 5Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 6Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 7Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 8Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 9Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
FDD1600N10ALZD Rev. C2
www.fairchildsemi.com
6
Typical Performance Characteristics - Diode (Continued)
Figure 13. Forward Voltage Drop
Figure 14. Reverse Current vs.
vs. Forward Current
Reverse Voltage
Figure 15. Junction Capacitance
Figure 16. Reverse Recovery Time
vs. di/dt
Figure 17. Reverse Recovery
Figure 18. Forward Current Derating
Current vs. di/dt
Curve
10 20
40
60
80
100
120
0.005
0.01
0.1
1
10
100
T
C = 75
oC
T
C = 25
oC
T
C = 125
oC
Reverse Voltage, V
R [V]
0.0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
40
T
C = 125
oC
T
C = 75
oC
Forward Voltage, V
F [V]
T
C = 25
oC
0.1
1
10
100
0
25
50
75
100
125
Typical Capacitance
at 0V = 121 pF
Reverse Voltage, V
R [V]
100
200
300
400
500
10
12
15
18
20
I
F = 4A
T
C = 75
oC
T
C = 25
oC
T
C = 125
oC
di/dt [A/μs]
25
50
75
100
125
150
0
5
10
15
20
25
Case temperature, T
C [
oC]
100
200
300
400
500
0
2
4
6
8
10
I
F = 4A
TC = 125
oC
TC = 25
oC
T
C = 75
oC
di/dt [A/μs]


Numéro de pièce similaire - FDD1600N10ALZD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
   Consumer Appliances
logo
Guangdong Youtai Semico...
FDD1600N10ALZ UMW-FDD1600N10ALZ Datasheet
624Kb / 6P
   100 V N-ChannelMOSFET
More results

Description similaire - FDD1600N10ALZD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD850N10LD FAIRCHILD-FDD850N10LD Datasheet
813Kb / 11P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com