Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL806 Fiches technique(PDF) 1 Page - Extech Instruments Corporation.

No de pièce TL806
Description  Alligator Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXTECH [Extech Instruments Corporation.]
Site Internet  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TL806 Fiches technique(HTML) 1 Page - Extech Instruments Corporation.

  TL806_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
TL806 ..........Extra Large Alligator Clips
TL807 ..........Insulated Alligator Clips
TL807C ........Insulated Alligator Clips
Specifications subject to change without notice.
Copyright © 2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
4/25/08 - R1
Features:
TL806 — Extra large, double insulated,
CAT III-1000V alligator clips mate with
banana plug patch cords. Jaw opens up
to 0.8" (20mm) with sharp teeth for
piercing insulated wire. Complies with
IEC1010 standard.
TL807 — Insulated Alligator clips with
insulated rubber boot, push onto your
test leads, CAT III-1000V.
Order TL807C to fit TL803 test leads.
Choose the size of alligator clips
For added convenience to your test leads
Alligator Clips


Numéro de pièce similaire - TL806_15

FabricantNo de pièceFiches techniqueDescription
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
   Choose the size of alligator clips
More results

Description similaire - TL806_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-72-0 ETC2-BU-72-0 Datasheet
1Mb / 1P
   Insulator for Alligator Clips
BU-P2240-0 ETC2-BU-P2240-0 Datasheet
650Kb / 1P
   ALLIGATOR CLIPS AND INSULATORS
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
   Choose the size of alligator clips
logo
List of Unclassifed Man...
BU-72 ETC2-BU-72 Datasheet
168Kb / 1P
   Insulator for BU??0 Series Alligator Clips
BU-5231-A-4-0 ETC2-BU-5231-A-4-0 Datasheet
113Kb / 1P
   BNC Female Breakout Insulated Mini-Alligator Clips
logo
Pasternack Enterprises,...
PE9900 PASTERNACK-PE9900 Datasheet
109Kb / 1P
   BREAKOUT, BNC MALE TO STANDARD ALLIGATOR CLIPS
PE9909 PASTERNACK-PE9909 Datasheet
109Kb / 1P
   BREAKOUT, BNC FEMALE TO STADARD ALLIGATOR CLIPS
PE9910 PASTERNACK-PE9910 Datasheet
109Kb / 1P
   BREAKOUT, BNC FEMALE TO MINIATURE ALLIGATOR CLIPS
logo
List of Unclassifed Man...
BU-36 ETC2-BU-36 Datasheet
149Kb / 1P
   Insulator for BU??4 Series Alligator Clips
logo
Pomona Electronics
2630 POMONA-2630 Datasheet
24Kb / 1P
   Breakout: BNC (Female) To Alligator Test Clips
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com