Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP181 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce OP181
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP181 Fiches technique(HTML) 2 Page - Analog Devices

  OP181_15 Datasheet HTML 1Page - Analog Devices OP181_15 Datasheet HTML 2Page - Analog Devices OP181_15 Datasheet HTML 3Page - Analog Devices OP181_15 Datasheet HTML 4Page - Analog Devices OP181_15 Datasheet HTML 5Page - Analog Devices OP181_15 Datasheet HTML 6Page - Analog Devices OP181_15 Datasheet HTML 7Page - Analog Devices OP181_15 Datasheet HTML 8Page - Analog Devices OP181_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
OP181/OP281/OP481–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
Note 1
1.5
mV
–40
°C ≤ T
A
≤ +85°C
2.5
mV
Input Bias Current
IB
–40
°C ≤ T
A
≤ +85°C3
10
nA
Input Offset Current
IOS
–40
°C ≤ T
A ≤ +85°C
0.1
7
nA
Input Voltage Range
0
2
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.0 V,
–40
°C ≤ T
A ≤ +85°C65
95
dB
Large Signal Voltage Gain
AVO
RL = 1 M
Ω, V
O = 0.3 V to 2.7 V
5
13
V/mV
–40
°C ≤ T
A
≤ +85°C
2
V/mV
Offset Voltage Drift
∆V
OS/∆T10
µV/°C
Bias Current Drift
∆I
B/
∆T
20
pA/
°C
Offset Current Drift
∆I
OS/
∆T
2
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 k
Ω to GND,
–40
°C ≤ T
A ≤ +85°C
2.925
2.96
V
Output Voltage Low
VOL
RL = 100 k
Ω to V+,
–40
°C ≤ T
A
≤ +85°C25
75
mV
Short Circuit Limit
ISC
±1.1
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V
–40
°C ≤ T
A
≤ +85°C76
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
3
4
µA
–40
°C ≤ T
A
≤ +85°C5
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 k
Ω, C
L = 50 pF
25
V/ms
Turn On Time
AV = 1, VO = 1
40
µs
Turn On Time
AV = 20, VO = 1
50
µs
Saturation Recovery Time
65
µs
Gain Bandwidth Product
GBP
95
kHz
Phase Margin
φo
70
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
10
µV p-p
Voltage Noise Density
en
f = 1 kHz
75
nV/
√Hz
Current Noise Density
in
<1
pA/
√Hz
NOTES
1V
OS is tested under no load condition.
Specifications subject to change without notice.
(@ VS = +3.0 V, VCM = 1.5 V, TA = +25 C unless otherwise noted)
OBSOLETE


Numéro de pièce similaire - OP181_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP181GP AD-OP181GP Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP181GS AD-OP181GS Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
More results

Description similaire - OP181_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP281 AD-OP281_07 Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP281 AD-OP281 Datasheet
963Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. B
OP181 AD-OP181 Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP281 AD-OP281_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
OP481 AD-OP481_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com