Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1819A Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD1819A
Description  AC 97 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1819A Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD1819A_15 Datasheet HTML 2Page - Analog Devices AD1819A_15 Datasheet HTML 3Page - Analog Devices AD1819A_15 Datasheet HTML 4Page - Analog Devices AD1819A_15 Datasheet HTML 5Page - Analog Devices AD1819A_15 Datasheet HTML 6Page - Analog Devices AD1819A_15 Datasheet HTML 7Page - Analog Devices AD1819A_15 Datasheet HTML 8Page - Analog Devices AD1819A_15 Datasheet HTML 9Page - Analog Devices AD1819A_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1819A
–6–
REV. 0
TIMING PARAMETERS (GUARANTEED OVER OPERATING TEMPERATURE RANGE)
Parameter
Symbol
Min
Typ
Max
Units
RESET Active Low Pulsewidth
t
RST_LOW
1.0
µs
RESET Inactive to BIT_CLK Start-Up Delay
t
RST2CLK
162.8
ns
SYNC Active High Pulsewidth
t
SYNC_HIGH
0.0814
1.3
µs
SYNC Low Pulsewidth
t
SYNC_LOW
19.5
µs
SYNC Inactive to BIT_CLK Start-Up Delay
t
SYNC2CLK
162.8
ns
BIT_CLK Frequency
12.288
MHz
BIT_CLK Period
t
CLK_PERIOD
81.4
ns
BIT_CLK Output Jitter*
750
ps
BIT_CLK High Pulsewidth
t
CLK_HIGH
32.56
40.7
48.84
ns
BIT_CLK Low Pulsewidth
t
CLK_LOW
32.56
40.7
48.84
ns
SYNC Frequency
48.0
kHz
SYNC Period
t
SYNC_PERIOD
20.8
µs
Setup to Falling Edge of BIT_CLK
t
SETUP
15.0
ns
Hold from Falling Edge of BIT_CLK
t
HOLD
15.0
ns
BIT_CLK Rise Time
t
RISE CLK
4ns
BIT_CLK Fall Time
t
FALL CLK
4ns
SYNC Rise Time
tRISE SYNC
4ns
SYNC Fall Time
tFALL SYNC
4ns
SDATA_IN Rise Time
tRISE DIN
4ns
SDATA_IN Fall Time
tFALL DIN
4ns
SDATA_OUT Rise Time
tRISE DOUT
4ns
SDATA_OUT Fall Time
tFALL DOUT
4ns
End of Slot 2 to BIT_CLK, SDATA_IN Low
tS2_PDOWN
1.0
µs
Setup to Trailing Edge of RESET (Applies to
SYNC, SDATA_OUT)
tSETUP2RST
15
ns
Rising Edge of
RESET to HI-Z Delay
tOFF
25
ns
*Output Jitter is directly dependent on crystal input jitter.
RESET
BIT_CLK
tRST2CLK
tRST_LOW
Figure 1. Cold Reset
SYNC
BIT_CLK
tSYNC_HIGH
tRST2CLK
Figure 2. Warm Reset
tCLK_HIGH
BIT_CLK
tCLK_LOW
SYNC
tSYNC_HIGH
tSYNC_LOW
tSYNC_PERIOD
tCLK_PERIOD
Figure 3. Clock Timing
OBSOLETE


Numéro de pièce similaire - AD1819A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1819 AD-AD1819 Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819BJST AD-AD1819BJST Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
More results

Description similaire - AD1819A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com