Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1545S Fiches technique(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No de pièce ST1545S
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Site Internet  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST1545S Fiches technique(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST1545S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST1545S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST1545S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST1545S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST1545S Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST1545S Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1030, Rev. C
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST1545S
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
VF1
@ 5A, Pulse, TJ = 25
°C
@ 7.5A, Pulse, TJ = 25 °C
@ 15A, Pulse, TJ = 25 °C
0.38
0.40
0.46
0.50
0.52
0.58
V
Forward Voltage Drop*
VF2
@ 5A, Pulse, TJ = 125
°C
@ 7.5A, Pulse, TJ = 125
°C
@ 15A, Pulse, TJ = 125 °C
0.25
0.28
0.37
0.39
0.42
0.51
V
Reverse Current (per leg)
IR1
@VR = rated VR
TJ = 25
°C
0.21
1.5
mA
Reverse Current (per leg) *
IR2
@VR = rated VR
TJ = 125 °C
150
150
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25
°C
fSIG = 1MHz
868
1000
pF
Voltage Rate of Change
dv/dt
-
-
10,000
V/
µs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +200
°C
Storage Temperature
Tstg
-
-55 to +200
°C
Maximum Thermal
Resistance Junction to
Ambient
RθJA
DC operation
75
°C/W
Approximate Weight
wt
-
0.093
g
Case Style
TO-277A/TO-277B


Numéro de pièce similaire - ST1545S

FabricantNo de pièceFiches techniqueDescription
logo
SMC Diode Solutions Co....
ST1545S SMCDIODE-ST1545S Datasheet
484Kb / 4P
   SCHOTTKY RECTIFIER
Rev. F
More results

Description similaire - ST1545S

FabricantNo de pièceFiches techniqueDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com