Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUF04 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce BUF04
Description  Closed-Loop High Speed Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

BUF04 Fiches technique(HTML) 2 Page - Analog Devices

  BUF04_15 Datasheet HTML 1Page - Analog Devices BUF04_15 Datasheet HTML 2Page - Analog Devices BUF04_15 Datasheet HTML 3Page - Analog Devices BUF04_15 Datasheet HTML 4Page - Analog Devices BUF04_15 Datasheet HTML 5Page - Analog Devices BUF04_15 Datasheet HTML 6Page - Analog Devices BUF04_15 Datasheet HTML 7Page - Analog Devices BUF04_15 Datasheet HTML 8Page - Analog Devices BUF04_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BUF04–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.3
1
mV
–40
°C ≤ T
A ≤ +85°C
1.3
4
mV
Input Bias Current
IB
VCM = 0
0.7
5
µA
–40
°C ≤ T
A
≤ +85°C
2.2
10
µA
Input Voltage Range
VCM
±13
V
Offset Voltage Drift
∆V
OS/
∆T30
µV/°C
Offset Null Range
±25
mV
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 150 Ω,
±10.5
±11.1
V
–40
°C ≤ T
A
≤ +85°C
±10
±11
V
RL = 2 k
Ω,
±13
±13.5
V
–40
°C ≤ T
A ≤ +85°C
±13
±13.15
V
Output Current – Continuous
IOUT
±50
±65
mA
Peak Output Current
IOUTP
Note 2
±80
mA
TRANSFER CHARACTERISTICS
Gain
AVCL
RL = 2 k
0.995
0.9985
1.005
V/V
–40
°C ≤ T
A ≤ +85°C
0.995
0.9980
1.005
V/V
Gain Linearity
NL
RL = 1 k
Ω, V
O =
±10 V
0.005
%
RL = 150 k
0.008
%
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±4.5 V to ±18 V
76
93
dB
–40
°C ≤ T
A ≤ +85°C76
93
dB
Supply Current
ISY
VO = 0 V, RL =
6.9
8.5
mA
–40
°C ≤ T
A
≤ +85°C
6.9
8.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ, CL = 70 pF
2000
3000
V/
µs
Bandwidth
BW
–3 dB, CL = 20 pF, RL =
110
MHz
Bandwidth
BW
–3 dB, CL = 20 pF, RL = 1 k
110
MHz
Bandwidth
BW
–3 dB, CL = 20 pF, RL = 150 Ω
110
MHz
Settling Time
VIN =
±10 V Step to 0.1%
60
ns
Differential Phase
f = 3.58 MHz, RL = 150
0.02
Degrees
f = 4.43 MHz, RL = 150 Ω
0.03
Degrees
Differential Gain
f = 3.58 MHz, RL = 150
0.014
%
f = 4.43 MHz, RL = 150
0.008
%
Input Capacitance
3pF
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
4
nV/
√Hz
Current Noise Density
in
f = 1 kHz
2
pA/
√Hz
NOTE
1Long term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125
°C with an LTPD of 1.3.
Specifications subject to change without notice.
REV. 0
–2–
(@ VS =
15.0 V, TA = +25 C unless otherwise noted)
OBSOLETE


Numéro de pièce similaire - BUF04_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701 TI1-BUF04701 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF04701AIDGS TI-BUF04701AIDGS Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701AIDGSR TI-BUF04701AIDGSR Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701AIPWR TI-BUF04701AIPWR Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
More results

Description similaire - BUF04_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com